Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80120Q20I Datasheet(PDF) 11 Page - Intersil Corporation

Part # X80120Q20I
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80120Q20I Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X80120Q20I Datasheet HTML 7Page - Intersil Corporation X80120Q20I Datasheet HTML 8Page - Intersil Corporation X80120Q20I Datasheet HTML 9Page - Intersil Corporation X80120Q20I Datasheet HTML 10Page - Intersil Corporation X80120Q20I Datasheet HTML 11Page - Intersil Corporation X80120Q20I Datasheet HTML 12Page - Intersil Corporation X80120Q20I Datasheet HTML 13Page - Intersil Corporation X80120Q20I Datasheet HTML 14Page - Intersil Corporation X80120Q20I Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN8151.0
January 20, 2005
Control Registers and Memory
The user addressable internal control, status and memory
components of the X80120 can be split up into three parts:
• Control Register (CR)
• Fault Detection Register (FDR)
• EEPROM array
Registers
The Control Registers and Fault Detection Register are
summarized in Table 4. Changing bits in these registers
change the operation of the device or clear fault conditions.
Reading bits from these registers provides information about
device configuration or fault conditions. Reads and writes
are done through the SMBus serial port.
All of the Control Register bits are nonvolatile (except for the
WEL bit), so they do not change when power is removed.
The values of the Register Block can be read at any time by
performing a random read (see Serial Interface) at the
specific byte address location. Only one byte is read by each
register read operation.
Bits in the registers can be modified by performing a single
byte write operation directly to the address of the register
and only one data byte can change for each register write
operation.EEPROM Array.
The X80120 contains a 2kbit EEPROM memory array. This
array can contain information about manufacturing location
and dates, board configuration, fault conditions, service
history, etc. Access to this memory is through the SMBus
serial port. Read and write operations are similar to those of
the control registers, but a single command can write up to
16 bytes at one time. A single read command can return the
entire contents of the EEPROM memory.
Register and Memory Protection
In order to reduce the possibility of inadvertent changes to
either a control register of the contents of memory, several
protection mechanisms are built into the X80120. These are
a Write Enable Latch, Block Protect bits, a Write Protect
Enable bit and a Write Protect pin.
WEL: Write Enable Latch
A write enable latch (WEL) bit controls write accesses to the
nonvolatile registers and the EEPROM memory array in the
X80120. This bit is a volatile latch that powers up in the LOW
(disabled) state. While the WEL bit is LOW, writes to any
address (registers or memory) will be ignored. The WEL bit
is set by writing a “1” to the WEL bit and zeroes to the other
bits of the control register 0 (CR0). It is important to write
only 00h or 80h to the CR0 register.
Once set, WEL remains set until either it is reset to 0 (by
writing a “0” to the WEL bit and zeroes to the other bits of the
control register) or until the part powers up again.
Note, a write to FDR or RSR does not require that WEL=1.
BP1 and BP0: Block Protect Bits
The Block Protect Bits, BP1 and BP0, determines which
blocks of the memory array are write protected. A write to a
protected block of memory is ignored. The block protect bits
will prevent write operations to one of four segments of the
array.
WPEN: Write Protect Enable
The Write Protect pin and Write Protect Enable bit in the
CR1 register control the Programmable Hardware Write
Protect feature. Hardware Protection is enabled when the
WP pin is HIGH and WPEN bit is HIGH and disabled when
WP pin is LOW or the WPEN bit is LOW. When the chip is
Hardware Write Protected, non-volatile writes to all control
registers (CR1, CR2, and CR3) are disabled including BP
bits, the WPEN bit itself, and the blocked sections in the
memory Array. Only the section of the memory array that are
not block protected can be written.
Non Volatile Programming Voltage (VP)
Nonvolatile writes require that a programming voltage be
applied to the VP for the duration of a nonvolatile write
operation.
PROTECTED ADDRESSES
(SIZE)
ARRAY LOCK
0
0
None (Default)
None (Default)
0
1
C0h - FFh (64 bytes)
Upper 1/4
1
0
80h - FFh (128 bytes)
Upper 1/2
1
1
00h - FFh (256 bytes)
All
TABLE 3. WRITE PROTECT CONDITIONS
WEL
WP
WPEN
MEMORY ARRAY
NOT BLOCK PROTECTED
MEMORY ARRAY
BLOCK PROTECTED
WRITES TO
CR1, CR2, CR3
PROTECTION
LOW
X
X
Writes Blocked
Writes Blocked
Writes Blocked
Hardware
HIGH
LOW
X
Writes Enabled
Writes Blocked
Writes Enabled
Software
HIGH
X
LOW
Writes Enabled
Writes Blocked
Writes Enabled
Software
HIGH
HIGH
HIGH
Writes Enabled
Writes Blocked
Writes Blocked
Hardware
X80120, X80121


Similar Part No. - X80120Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80120Q20I RENESAS-X80120Q20I Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80120Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com