Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9E2G08B0M-V Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9E2G08B0M-V
Description  256M x 8 Bits NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9E2G08B0M-V Datasheet(HTML) 1 Page - Samsung semiconductor

  K9E2G08B0M-V Datasheet HTML 1Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 2Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 3Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 4Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 5Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 6Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 7Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 8Page - Samsung semiconductor K9E2G08B0M-V Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FLASH MEMORY
1
K9E2G08B0M
Advanced
Document Title
256M x 8 Bits NAND Flash Memory
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.0
0.1
Remark
Advanced
Preliminary
History
Initial issue.
1.Note1 of Program/Erase characteristics is added
2.Technical note is changed
Draft Date
Nov. 8th 2004
Nov. 22th 2004
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.samsung.com/Products/Semiconductor/


Similar Part No. - K9E2G08B0M-V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-F SAMSUNG-K9E2G08U0M-F Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-P SAMSUNG-K9E2G08U0M-P Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-V SAMSUNG-K9E2G08U0M-V Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08U0M-Y SAMSUNG-K9E2G08U0M-Y Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
More results

Similar Description - K9E2G08B0M-V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
logo
Samsung semiconductor
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com