Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11C6-X009 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # H11C6-X009
Description  Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

H11C6-X009 Datasheet(HTML) 3 Page - Vishay Siliconix

  H11C6-X009 Datasheet HTML 1Page - Vishay Siliconix H11C6-X009 Datasheet HTML 2Page - Vishay Siliconix H11C6-X009 Datasheet HTML 3Page - Vishay Siliconix H11C6-X009 Datasheet HTML 4Page - Vishay Siliconix H11C6-X009 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
H11C4/ H11C5/ H11C6
Document Number 83610
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Package Dimensions in Inches (mm)
Gate trigger voltage
VFX = 100 V, RGK = 27 kΩ,
RL=10 KΩ
VGT
0.6
1.0
V
Forward leakage current
RGK = 10 KΩ, VRX = 400 V,
IF = 0, TA = 100 °C
IR
150
µA
Reverse leakage current
RGK = 10 KΩ, VRX = 400 V,
IF = 0, TA=100 °C
IR
150
µA
Gate trigger current
VFX = 100 V, RRG = 27 KΩ,
RL = 10 KΩ
IGT
20
50
µA
Capacitance, Anode to gate
V = 0, f = 1.0 MHz
20
pF
Capacitance, Gate to cathode
V = 0, f = 1.0 MHz
350
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Turn-on current
VDM = 50 V, RGK = 10 KΩ
H11C4
IFT
20
mA
H11C5
IFT
20
mA
H11C6
IFT
30
mA
VDM = 100 V, RGK = 27 KΩ
H11C4
IFT
5.0
11
mA
H11C5
IFT
5.0
11
mA
H11C6
IFT
7.0
14
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
i178004
.010 (.25)
typ.
.114 (2.90)
.130 (3.0)
.130 (3.30)
.150 (3.81)
.031 (0.80) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.048 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18°
3°–9°
.300–.347
(7.62–8.81)
typ.
ISO Method A


Similar Part No. - H11C6-X009

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11C6 QT-H11C6 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C6 FAIRCHILD-H11C6 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
H11C6 NJSEMI-H11C6 Datasheet
44Kb / 1P
   Photo SCR
More results

Similar Description - H11C6-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
   Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
Rev. 1.5, 26-Oct-04
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
   Optocoupler, Phototriac Output, 400 V VDRM
Rev. 1.9, 26-Oct-04
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
Sanken electric
FMLB-4204S SANKEN-FMLB-4204S Datasheet
240Kb / 6P
   VRM = 400 V, IF(AV) = 20 A, trr = 50 ns Fast Recovery Diode
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com