Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80071 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X80071
Description  Hot Swap Controller with Advanced Fault Protection and Voltage Refulator Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80071 Datasheet(HTML) 5 Page - Intersil Corporation

  X80071 Datasheet HTML 1Page - Intersil Corporation X80071 Datasheet HTML 2Page - Intersil Corporation X80071 Datasheet HTML 3Page - Intersil Corporation X80071 Datasheet HTML 4Page - Intersil Corporation X80071 Datasheet HTML 5Page - Intersil Corporation X80071 Datasheet HTML 6Page - Intersil Corporation X80071 Datasheet HTML 7Page - Intersil Corporation X80071 Datasheet HTML 8Page - Intersil Corporation X80071 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN8150.0
March 15, 2005
Figure 1. Overvoltage/Undervoltage GATE Timing
Figure 2. Overcurrent GATE Timing
Figure 3. Manual Reset
SENSE
VUV/OV
VOV
VUV
VDD
VTH
MR
GATE
VOC
VOCI
tVFR
tFOV
tFUV
tDPOR
tVFR
1V
1V
SENSE
VDD
VTH
GATE
VOC
VOCI
tDPOR
tSC_RETRY
tFOC
tFOC
Always Retry
VUV < VUV/OV < VOV
tSC_RETRY
MR = HIGH
tMRD
GATE
tMRE
MR
tMR
1V
X80070, X80071, X80072, X80073


Similar Part No. - X80071

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80071 RENESAS-X80071 Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
X80071Q20I RENESAS-X80071Q20I Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
More results

Similar Description - X80071

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
logo
Maxim Integrated Produc...
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Richtek Technology Corp...
RT1720 RICHTEK-RT1720 Datasheet
1Mb / 19P
   60V Hot Swap Controller with Fault Timer
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LTC4221 LINER-LTC4221_15 Datasheet
278Kb / 28P
   Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
LTC4221 LINER-LTC4221 Datasheet
311Kb / 28P
   Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
277Kb / 24P
   Ultralow Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com