Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11C5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # H11C5
Description  Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

H11C5 Datasheet(HTML) 5 Page - Vishay Siliconix

  H11C5 Datasheet HTML 1Page - Vishay Siliconix H11C5 Datasheet HTML 2Page - Vishay Siliconix H11C5 Datasheet HTML 3Page - Vishay Siliconix H11C5 Datasheet HTML 4Page - Vishay Siliconix H11C5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
H11C4/ H11C5/ H11C6
Document Number 83610
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use
of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - H11C5

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11C5 QT-H11C5 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C5 FAIRCHILD-H11C5 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
More results

Similar Description - H11C5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
   Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
Rev. 1.5, 26-Oct-04
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
   Optocoupler, Phototriac Output, 400 V VDRM
Rev. 1.9, 26-Oct-04
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
Sanken electric
FMLB-4204S SANKEN-FMLB-4204S Datasheet
240Kb / 6P
   VRM = 400 V, IF(AV) = 20 A, trr = 50 ns Fast Recovery Diode
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com