Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317WS8-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9317WS8-2.7
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WS8-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9317WS8-2.7 Datasheet HTML 5Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 6Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 7Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 8Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 9Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 10Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 11Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 12Page - Intersil Corporation X9317WS8-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN8183.1
September 9, 2005
Pin Descriptions
RH and RL
The high (RH) and low (RL) terminals of the X9317 are
equivalent to the fixed terminals of a mechanical
potentiometer. The terminology of RL and RH references the
relative position of the terminal in relation to wiper movement
direction selected by the U/D input and not the voltage
potential on the terminal.
R
W
Rw is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the control inputs.
The wiper terminal series resistance is typically 200
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
counter in the direction indicated by the logic level on the
U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in nonvolatile memory when
CS is returned HIGH while the INC input is also HIGH. After
the store operation is complete the X9317 will be placed in
the low power standby mode until the device is selected
once again.
Pin Configuration
Principles of Operation
There are three sections of the X9317: the control section,
the nonvolatile memory, and the resistor array. The control
section operates just like an up/down counter. The output of
this counter is decoded to turn on a single electronic switch
connecting a point on the resistor array to the wiper output.
The contents of the counter can be stored in nonvolatile
memory and retained for future use. The resistor array is
comprised of 99 individual resistors connected in series.
Electronic switches at either end of the array and between
each resistor provide an electrical connection to the wiper
pin, RW.
The wiper acts like its mechanical equivalent and does not
move beyond the first or last position. That is, the counter
does not wrap around when clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions. If
the wiper is moved several positions, multiple taps are
connected to the wiper for tIW (INC to VW change). The
RTOTAL value for the device can temporarily be reduced by
a significant amount if the wiper is moved several positions.
When the device is powered-down, the last wiper position
stored will be maintained in the nonvolatile memory. When
power is restored, the contents of the memory are recalled
and the wiper is set to the value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of the
wiper along the resistor array. With CS set LOW the device
is selected and enabled to respond to the U/D and INC
inputs. HIGH to LOW transitions on INC will increment or
decrement (depending on the state of the U/D input) a seven
bit counter. The output of this counter is decoded to select
one of one hundred wiper positions along the resistive array.
The value of the counter is stored in nonvolatile memory
whenever CS transitions HIGH while the INC input is also
HIGH.
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9317
DIP/SOIC/MSOP
VSS
CS
RL
RW
INC
RL/VL
CS
VCC
1
2
3
4
8
7
6
5
X9317
TSSOP
U/D
RW/VW
VSS
RH/VH
Pin Names
SYMBOL
DESCRIPTION
RH
High terminal
RW
Wiper terminal
RL
Low terminal
VSS
Ground
VCC
Supply voltage
U/D
Up/Down control input
INC
Increment control input
CS
Chip select control input
X9317


Similar Part No. - X9317WS8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WS8IZ INTERSIL-X9317WS8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317WS8IZ INTERSIL-X9317WS8IZ Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317WS8IZ RENESAS-X9317WS8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317WS8IZ-2.7 INTERSIL-X9317WS8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317WS8IZ-2.7 INTERSIL-X9317WS8IZ-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317WS8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com