Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008XIS8-41 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X60008XIS8-41
Description  Precison 4.096V FGA Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008XIS8-41 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X60008XIS8-41 Datasheet HTML 4Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 5Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 6Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 7Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 8Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 9Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 10Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 11Page - Intersil Corporation X60008XIS8-41 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN8142.0
March 14, 2005
TYPICAL PERFORMANCE CHARACTERISTIC CURVES
(VIN = 5.0V, IOUT = 0mA, TA = 25°C unless otherwise specified)
ZOUT vs FREQUENCY
FREQUENCY (Hz)
no Load
1nF Load
10nF Load
100nF Load
VIN (V)
-40
°C
25
°C
85
°C
IIN vs VIN
0
50
100
150
200
250
300
350
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
X60008B-41, X60008C-41, X60008D-41


Similar Part No. - X60008XIS8-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008XIS8-41 INTERSIL-X60008XIS8-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
More results

Similar Description - X60008XIS8-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008E-41 INTERSIL-X60008E-41_06 Datasheet
311Kb / 10P
   Precision 4.096V FGA??Voltage
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
logo
DATEL, Inc.
PVR-1540 DATEL-PVR-1540 Datasheet
263Kb / 3P
   4.096V Micropower Voltage Reference
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com