Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008C-41 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X60008C-41
Description  Precison 4.096V FGA Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008C-41 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X60008C-41 Datasheet HTML 6Page - Intersil Corporation X60008C-41 Datasheet HTML 7Page - Intersil Corporation X60008C-41 Datasheet HTML 8Page - Intersil Corporation X60008C-41 Datasheet HTML 9Page - Intersil Corporation X60008C-41 Datasheet HTML 10Page - Intersil Corporation X60008C-41 Datasheet HTML 11Page - Intersil Corporation X60008C-41 Datasheet HTML 12Page - Intersil Corporation X60008C-41 Datasheet HTML 13Page - Intersil Corporation X60008C-41 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN8142.0
March 14, 2005
load capacitances above .001µF the noise reduction
network shown in Fig. 3 is recommended. This
network reduces noise sig-nificantly over the full
bandwidth. As shown in Fig. 2, noise is reduced to less
than 40µVp-p from 1Hz to 1MHz using this network
with a .01µF capacitor and a 2k
Ω resistor in series with
a 10µF capacitor.
Figure 2.
Figure 3.
Turn-On Time
The X60008 devices have ultra-low supply current and
thus the time to bias up internal circuitry to final values
will be longer than with higher power references. Nor-
mal turn-on time is typically 7ms. This is shown in the
graph, Figure 4. Since devices can vary in supply cur-
rent down to 300nA, turn-on time can last up to about
12ms. Care should be taken in system design to
include this delay before measurements or conver-
sions are started.
Figure 4.
Temperature Coefficient
The limits stated for temperature coefficient (tempco)
are governed by the method of measurement. The
overwhelming standard for specifying the temperature
drift of a reference is to measure the reference voltage
at two temperatures, take the total variation, (VHIGH -
VLOW), and divide by the temperature extremes of
measurement (THIGH - TLOW). The result is divided by
the nominal reference voltage (at T = 25°C) and multi-
plied by 106 to yield ppm/°C. This is the “Box” method
for determining temperature coefficient.
CL = 0
CL = .001µF
CL = .1µF
CL = .01µF & 10µF + 2k
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
100000
X60008-41 NOISE REDUCTION
VIN = 5.0V
VIN
VO
GND
X60008-41
.01µF
10µF
2k
.1µF
10µF
X60008 TURN-ON TIME (25
°C)
(3 Representative Units)
TIME (mSec)
IIN = 700nA
IIN = 520nA
IIN = 360nA
VIN
0
1
2
3
4
5
6
-1
1
3
579
11
X60008B-41, X60008C-41, X60008D-41


Similar Part No. - X60008C-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008C-41 INTERSIL-X60008C-41 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
More results

Similar Description - X60008C-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008E-41 INTERSIL-X60008E-41_06 Datasheet
311Kb / 10P
   Precision 4.096V FGA??Voltage
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
logo
DATEL, Inc.
PVR-1540 DATEL-PVR-1540 Datasheet
263Kb / 3P
   4.096V Micropower Voltage Reference
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com