Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1210JK0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CC1210JK0
Description  MULTILAYER CERAMIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC1210JK0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CC1210JK0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1210JK0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.yageo.com
Aug. 13, 2003 V.06
Surface Mount Multilayer Ceramic Capacitors
8
8
SERIES
CC
X7R, 16V to 100V
TEST AND REQUIREMENT
IEC384-10
TEST ITEMS
CONDITIONS
REQUIREMENTS
4.9
Bending
Bending rate 1mm/s, jig. radius 340mm
∆C/C≤10%
4.10
Resistance to soldering heat
260±5°C for 10±0.5s in static solder
bath
–5%≤∆C/C≤10%
4.11
Solderability
235±5°C for 2±0.5s in a static solder
bath
75% minimum coverage of metallic area
4.12
Rapid change of temperature
Preconditioning
–55°C to +125°C, 5cycles
∆C/C within 15%
4.14
Damp heat
Preconditioning
At 40°C, 90 to 95% RH and Ur applied
(max. 500V) for 500 hours
∆C/C within 15%
Tan δ≤7%
IR≥500MΩ or RxC≥25s whichever is less
4.15
Endurance
Preconditioning
2xUr applied for 1,000 hours, at upper
category temperature
∆C/C within 20%
Tan δ≤7%
IR≥1,000MΩ or RxC≥50s whichever is less
Table 9


Similar Part No. - CC1210JK0

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210JK510NF YAGEO-CC1210JK510NF Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JK5BB YAGEO-CC1210JK5BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JK610NF YAGEO-CC1210JK610NF Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JK6BB YAGEO-CC1210JK6BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JK7BB YAGEO-CC1210JK7BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210JK0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com