Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008C-25 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X60008C-25
Description  Precision 2.5V FGA Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008C-25 Datasheet(HTML) 3 Page - Intersil Corporation

  X60008C-25 Datasheet HTML 1Page - Intersil Corporation X60008C-25 Datasheet HTML 2Page - Intersil Corporation X60008C-25 Datasheet HTML 3Page - Intersil Corporation X60008C-25 Datasheet HTML 4Page - Intersil Corporation X60008C-25 Datasheet HTML 5Page - Intersil Corporation X60008C-25 Datasheet HTML 6Page - Intersil Corporation X60008C-25 Datasheet HTML 7Page - Intersil Corporation X60008C-25 Datasheet HTML 8Page - Intersil Corporation X60008C-25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN8140.0
March 15, 2005
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range..................-65°C to +125°C
Max Voltage Applied VIN to Gnd ...............-0.5V to +6.5V
Max Voltage Applied VOUT to Gnd
(*) ........-0.5V to +3.5V
Voltage on “DNC” pins......... No connections permitted to
these pins.
Lead Temperature, soldering(*) ...........................+ 225°C
(*) note: maximum duration = 10 seconds
RECOMMENDED OPERATING CONDITIONS
COMMENT
Absolute Maximum Ratings are limits which may result
in impaired reliability and/or permanent damage to the
device. These are stress ratings provided for informa-
tion only and functional operation of the device at
these or any other conditions beyond those indicated
in the operational sections of this specification are not
implied.
For guaranteed specifications and test conditions, see
Electrical Characteristics.
The guaranteed specifications apply only for the test
conditions listed. Some performance characteristics
may degrade when the device is not operated under
the listed test conditions.
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C unless otherwise specified.)
Note:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided
by the temperature range; in this case, -40°C to +85°C = 125°C.
2. Thermal Hysteresis is the change in VOUT created by package stress @ TA = 25°C after temperature cycling. VOUT is read initially at
TA = 25°C; the X60008 is then cycled between Hot (85°C) and Cold (-40°C) before a second VOUT measurement is taken at 25°C. The
deviation between the initial VOUT reading and the second VOUT reading is then expressed in ppm.
3. Guaranteed by device characterization and/or correlation to other device tests.
Temperature
Min.
Max.
Industrial
-40°C
+85°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
2.500
V
VOA
VOUT Accuracy
X60008B-25
X60008C-25
X60008D-25
TA = 25°C
-0.50
-0.50
-1.00
+0.50
+0.50
+1.00
mV
IIN
Supply Current
500
800
nA
VIN
Input Voltage Range
4.5
6.5
V
TC VOUT
Output Voltage
Temperature Coefficient(1)
X60008B-25
X60008C-25
X60008D-25
3
5
10
ppm/°C
∆V
OUT/∆V
IN
Line Regulation
+4.5V
≤ V
IN ≤ +6.5V
100
µ
V/V
∆VOUT/∆IOUT
Load Regulation
0mA
≤ ISOURCE ≤ 10mA
-10mA
≤ I
SINK ≤≤ 0mA
10
20
40
80
µ
V/mA
∆VOUT/∆t
Long Term Stability
TA = 25°C
10
ppm/
1000Hrs
∆VOUT/∆TA
Thermal Hysteresis(2)
∆T = -40°C to +85°C
50
ppm
ISC
Short Circuit Current(3)
TA = 25°C
50
80
mA
VN
Output Voltage Noise
0.1Hz to 10Hz
30
µ
Vpp
X60008B-25


Similar Part No. - X60008C-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008C-41 INTERSIL-X60008C-41 Datasheet
328Kb / 14P
   Precison 4.096V FGA Voltage Reference
X60008C-41 INTERSIL-X60008C-41 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
More results

Similar Description - X60008C-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25_06 Datasheet
298Kb / 10P
   Precision 2.5V FGA??Voltage Reference
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com