Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40414S8-B Datasheet(PDF) 2 Page - Intersil Corporation

Part # X40414S8-B
Description  Dual Voltage Monitor with Intergrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40414S8-B Datasheet(HTML) 2 Page - Intersil Corporation

  X40414S8-B Datasheet HTML 1Page - Intersil Corporation X40414S8-B Datasheet HTML 2Page - Intersil Corporation X40414S8-B Datasheet HTML 3Page - Intersil Corporation X40414S8-B Datasheet HTML 4Page - Intersil Corporation X40414S8-B Datasheet HTML 5Page - Intersil Corporation X40414S8-B Datasheet HTML 6Page - Intersil Corporation X40414S8-B Datasheet HTML 7Page - Intersil Corporation X40414S8-B Datasheet HTML 8Page - Intersil Corporation X40414S8-B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN8116.0
March 28, 2005
Low VCC detection circuitry protects the user’s system
from low voltage conditions, resetting the system when
VCC falls below the minimum VTRIP1 point. RESET/RE-
SET is active until VCC returns to proper operating level
and stabilizes. A second voltage monitor circuit tracks
the unregulated supply to provide a power fail warning
or monitors different power supply voltage. Three com-
mon low voltage combinations are available, however,
Intersil’s unique circuits allows the threshold for either
voltage monitor to be reprogrammed to meet special
needs or to fine-tune the threshold for applications re-
quiring higher precision.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time out interval, the device activates the WDO signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even
after cycling the power.
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s Block Lock protection.
The array is internally organized as x 8. The device
features a 2-wire interface and software protocol
allowing operation on an I2C® bus.
The device utilizes Intersil’s proprietary Direct Write
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
Triple Voltage Monitors
*Voltage monitor requires VCC to operation. Others are independent of VCC.
PIN CONFIGURATION
Device
Expected System Voltages
Vtrip1(V)
Vtrip2(V)
POR (system)
X4040/11
-A
-B
-C
5V; 3V or 3.3V
5V; 3V
3V; 3.3V; 1.8V
2.0–4.75*
4.55–4.65*
4.35–4.45*
2.85–2.95*
1.70–4.75
2.85–2.95
2.55–2.65
1.65–1.75
RESET = X40410
RESET = X40411
X40414/15
-A
-B
-C
3V; 3.3V; 1.5V
3V; 1.5V
3V or 3.3V; 1.1 or 1.2V
2.0–4.75*
2.85–2.95*
2.55–2.65*
2.85–2.95*
0.90–3.50*
1.25–1.35*
1.25–1.35*
0.95–1.05*
RESET = X40414
RESET = X40415
SDA
VCC
3
2
4
1
6
7
5
8
RESET/RESET
VSS
V2MON
3
2
4
1
6
7
5
8
SCL
WDO
V2FAIL
RESET/RESET
SCL
VSS
SDA
V2FAIL
V2MON
WDO
VCC
X40410/14, X40411/15
X40410/14, X40411/15
8-Pin SOIC
8-Pin TSSOP
PIN DESCRIPTION
Pin
Name
Function
SOIC TSSOP
13
V2FAIL V2 Voltage Fail Output. This open drain output goes LOW when V2MON is less than VTRIP2 and
goes HIGH when V2MON exceeds VTRIP2. There is no power-up reset delay circuitry on this pin.
24
V2MON V2 Voltage Monitor Input. When the V2MON input is less than the VTRIP2 voltage, V2FAIL goes
LOW. This input can monitor an unregulated power supply with an external resistor divider or can
monitor a second power supply with no external components. Connect V2MON to VSS or VCC when
not used.The V2MON comparator is supplied by V2MON (X40410/11) or by VCC Input (X40414/15).
35
RESET/
RESET
RESET Output. (X40411/15) This is an active LOW, open drain output which goes active whenever
VCC falls below VTRIP1. It will remain active until VCC rises above VTRIP1 and for the tPURST thereafter.
RESET Output. (X40410/14) This is an active HIGH CMOS output which goes active whenever VCC
falls below VTRIP1. It will remain active until VCC rises above VTRIP1 and for the tPURST thereafter.
46
VSS
Ground
57
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an open
drain output and may be wire ORed with other open drain or open collector outputs. This pin requires
a pull up resistor and the input buffer is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is toggled from HIGH to
LOW and followed by a stop condition) restarts the Watchdog timer. The absence of this transi-
tion within the watchdog time out period results in WDO going active.
X40410, X40411, X40414, X40415


Similar Part No. - X40414S8-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40414S8-B RENESAS-X40414S8-B Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40414S8-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com