Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40626V14 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X40626V14
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40626V14 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X40626V14 Datasheet HTML 2Page - Intersil Corporation X40626V14 Datasheet HTML 3Page - Intersil Corporation X40626V14 Datasheet HTML 4Page - Intersil Corporation X40626V14 Datasheet HTML 5Page - Intersil Corporation X40626V14 Datasheet HTML 6Page - Intersil Corporation X40626V14 Datasheet HTML 7Page - Intersil Corporation X40626V14 Datasheet HTML 8Page - Intersil Corporation X40626V14 Datasheet HTML 9Page - Intersil Corporation X40626V14 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN8119.0
March 28, 2005
Control Register
The Control Register provides the user a mechanism
for changing the Block Lock and Watchdog Timer set-
tings. The Block Lock and Watchdog Timer bits are
nonvolatile and do not change when power is
removed.
The Control Register is accessed at address FFFFh. It
can only be modified by performing a byte write opera-
tion directly to the address of the register and only one
data byte is allowed for each register write operation.
Prior to writing to the Control Register, the WEL and
RWEL bits must be set using a two step process, with
the whole sequence requiring 3 steps. See "Writing to
the Control Register" below.
The user must issue a stop after sending this byte to
the register to initiate the nonvolatile cycle that stores
WD1, WD0, BP2, BP1, and BP0. The X40626 will not
acknowledge any data bytes written after the first byte
is entered.
The state of the Control Register can be read at any
time by performing a random read at address FFFFh.
Only one byte is read by each register read operation.
The X40626 resets itself after the first byte is read.
The master should supply a stop condition to be con-
sistent with the bus protocol, but a stop is not required
to end this operation.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and
zeroes to the other bits of the control register. Once
set, WEL remains set until either it is reset to 0 (by
writing a “0” to the WEL bit and zeroes to the other bits
of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a nonvolatile
write cycle, so the device is ready for the next opera-
tion immediately after the stop condition.
BP2, BP1, BP0: Block Protect Bits - (Nonvolatile)
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to
a protected block of memory is ignored. The block pro-
tect bits will prevent write operations to one of eight
segments of the array.
WD1, WD0: Watchdog Timer Bits
The bits WD1 and WD0 control the period of the
Watchdog Timer. The options are shown below.
Write Protect Enable
These devices have an advanced Block Lock scheme
that protects one of eight blocks of the array when
enabled. It provides hardware write protection through
the use of a WP pin and a nonvolatile Write Protect
Enable (WPEN) bit. Four of the 8 protected blocks
match the original Block Lock segments and this pro-
tection scheme is fully compatible with the current
devices using 2 bits of block lock control (assuming
the BP2 bit is set to 0).
The Write Protect (WP) pin and the Write Protect
Enable (WPEN) bit in the Control Register control the
programmable Hardware Write Protect feature. Hard-
ware Write Protection is enabled when the WP pin and
the WPEN bit are HIGH and disabled when either the
WP pin or the WPEN bit is LOW. When the chip is
Hardware Write Protected, nonvolatile writes as well as
to the block protected sections in the memory array
cannot be written. Only the sections of the memory
array that are not block protected can be written. Note
that since the WPEN bit is write protected, it cannot be
changed back to a LOW state; so write protection is
enabled as long as the WP pin is held HIGH.
76
5
4
3
2
1
0
WPEN WD1 WD0 BP1
BP0
RWEL WEL BP2
Protected Addresses
(Size)
Array Lock
0
0
0
None (factory setting)
None
0
0
1
1800h - 1FFFH (2K bytes)
Upper 1/4 (Q4)
0
1
0
1000h - 1FFFH (4K bytes) Upper 1/2 (Q3,Q4)
0
1
1
0000h - 1FFFH (8K bytes)
Full Array (All)
1
0
0
000h - 03FH (64 bytes)
First Page (P1)
1
0
1
000h - 07FH (128 bytes)
First 2 pgs (P2)
1
1
0
000h - 0FFH (256 bytes)
First 4 pgs (P4)
1
1
1
000h - 1FFH (512 bytes)
First 8 Pgs (P8)
WD1
WD0
Typ. Watchdog Time-out Period
0
0
1.4 Seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
Disabled (factory setting)
X40626


Similar Part No. - X40626V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40626V14 XICOR-X40626V14 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14 RENESAS-X40626V14 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X40626V14-2.7 XICOR-X40626V14-2.7 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14-2.7 RENESAS-X40626V14-2.7 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X40626V14-2.7A XICOR-X40626V14-2.7A Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
More results

Similar Description - X40626V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com