Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40626V14-4.5A Datasheet(PDF) 11 Page - Intersil Corporation

Part # X40626V14-4.5A
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40626V14-4.5A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X40626V14-4.5A Datasheet HTML 7Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 8Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 9Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 10Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 11Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 12Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 13Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 14Page - Intersil Corporation X40626V14-4.5A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN8119.0
March 28, 2005
Figure 11. Acknowledge Polling Sequence
Serial Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the Slave Address Byte is set to one. There are three
basic read operations: Current Address Reads, Ran-
dom Reads, and Sequential Reads.
Current Address Read
Internally the device contains an address counter that
maintains the address of the last word read incre-
mented by one. Therefore, if the last read was to
address n, the next read operation would access data
from address n+1. On power-up, the address in the
address counter is 00H.
Upon receipt of the Slave Address Byte with the R/W bit
set to one, the device issues an acknowledge and then
transmits the eight bits of the Data Byte. The master
terminates the read operation when it does not respond
with an acknowledge during the ninth clock and then
issues a stop condition. Refer to Figure 12 for the
address, acknowledge, and data transfer sequence.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read
operation, the master must either issue a stop condi-
tion during the ninth cycle or hold SDA HIGH during
the ninth clock cycle and then issue a stop condition.
Figure 12. Current Address Read Sequence
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed
by issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
Nonvolatile Cycle
complete. Continue
command sequence?
Issue STOP
NO
Continue Normal
Read or Write
Command Sequence
PROCEED
YES
S
t
a
r
t
S
t
o
p
Slave
Address
Data
SDA Bus
Signals from
the Slave
Signals from
the Master
A
C
K
S0
S1
1
10 10 0
X40626


Similar Part No. - X40626V14-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40626V14-4.5A XICOR-X40626V14-4.5A Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14-4.5A RENESAS-X40626V14-4.5A Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results

Similar Description - X40626V14-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com