Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40021S14-C Datasheet(PDF) 1 Page - Intersil Corporation

Part # X40021S14-C
Description  Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40021S14-C Datasheet(HTML) 1 Page - Intersil Corporation

  X40021S14-C Datasheet HTML 1Page - Intersil Corporation X40021S14-C Datasheet HTML 2Page - Intersil Corporation X40021S14-C Datasheet HTML 3Page - Intersil Corporation X40021S14-C Datasheet HTML 4Page - Intersil Corporation X40021S14-C Datasheet HTML 5Page - Intersil Corporation X40021S14-C Datasheet HTML 6Page - Intersil Corporation X40021S14-C Datasheet HTML 7Page - Intersil Corporation X40021S14-C Datasheet HTML 8Page - Intersil Corporation X40021S14-C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN8112.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X40020, 40021
Dual Voltage Monitor with Integrated CPU
Supervisor and System Battery Switch
FEATURES
• Dual voltage detection and reset assertion
—Three standard reset threshold settings
(4.6V/2.9V, 4.6V/2.6V, 2.9V/1.6V)
—VTRIP2 Programmable down to 0.9V
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor two voltages or detect power fail
• Battery Switch Backup
•VOUT: 5mA to 50mA from VCC; 250µA from VBATT
• Fault detection register
• Selectable power-on reset timeout
(0.05s, 0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval
(25ms, 200ms, 1.4s, off)
• Debounced manual reset input
• Low power CMOS
—25µA typical standby current, watchdog on
—6µA typical standby current, watchdog off
—1µA battery current in backup mode
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—14-lead SOIC, TSSOP
• Monitor Voltages: 5V to 1.6V
• Memory Security
• Battery Switch Backup
•VOUT 5mA to 50mA
APPLICATIONS
• Communications Equipment
—Routers, Hubs, Switches
—Disk arrays
• Industrial Systems
—Process Control
—Intelligent Instrumentation
• Computer Systems
—Desktop Computers
—Network Servers
X40020/21
DESCRIPTION
The X40020 combines power-on reset control, watch-
dog timer, supply voltage supervision, and secondary
supervision, and manual reset, in one package. This
combination lowers system cost, reduces board space
requirements, and increases reliability.
Applying voltage to VCC activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and system oscilla-
tor to stabilize before the processor can execute code.
BLOCK DIAGRAM
Standard VTRIP1 Level Standard VTRIP2, Level Suffix
4.6V (+/-1%)
2.9V(+/-1.7%)
-A
4.6V (+/-1%)
2.6V (+/-2%)
-B
2.9V(+/-1.7%)
1.6V (+/-3%)
-C
See “Ordering Information” for more details
For Custom Settings, call Intersil.
V2FAIL
WDO
MR
LOWLINE
RESET
RESET
X40020
X40021
+
-
V2 Monitor
Logic
VTRIP2
Fault Detection
Register
Status
Register
Data
Register
Command
Decode Test
& Control
Logic
Power-on,
Manual Reset
Low Voltage
Reset
Generation
VCC Monitor
Logic
V2MON
SDA
WP
SCL
VCC
(V1MON)
Watchdog
and
Reset Logic
System
Switch
Battery
VBATT
VOUT
BATT-ON
+
-
VTRIP1
VOUT
VOUT
VOUT
Data Sheet
March 28, 2005


Similar Part No. - X40021S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40021 INTERSIL-X40021 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results

Similar Description - X40021S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com