Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9315US-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9315US-2.7
Description  Low Noise, Low Power, 32 Taps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315US-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9315US-2.7 Datasheet HTML 3Page - Intersil Corporation X9315US-2.7 Datasheet HTML 4Page - Intersil Corporation X9315US-2.7 Datasheet HTML 5Page - Intersil Corporation X9315US-2.7 Datasheet HTML 6Page - Intersil Corporation X9315US-2.7 Datasheet HTML 7Page - Intersil Corporation X9315US-2.7 Datasheet HTML 8Page - Intersil Corporation X9315US-2.7 Datasheet HTML 9Page - Intersil Corporation X9315US-2.7 Datasheet HTML 10Page - Intersil Corporation X9315US-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN8179.1
September 15, 2005
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Test Circuit #1
Test Circuit #2
Circuit #3 SPICE Macro Model
Test Point
VW/RW
VH/RH
VL/RL
VS
Force
Current
VL
VW
Test Point
VH/RH
VW/RW
VL/RL
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
AC Electrical Specifications
(Over recommended operating conditions unless otherwise specified)
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
TYP(6)
MAX
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC Inactive to CS inactive
1
µs
tCPH
CS Deselect time (NO STORE)
100
ns
tCPH
CS Deselect time (STORE)
10
ms
tIW
INC to Vw change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF(7)
INC input rise and fall time
500
µs
tPU(7)
Power-up to wiper stable
5µs
tR VCC(7) VCC power-up rate
0.2
50
V/ms
tWR
Store cycle
510
ms
X9315


Similar Part No. - X9315US-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9315US-2.7T2 RENESAS-X9315US-2.7T2 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315US-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Renesas Technology Corp
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com