Electronic Components Datasheet Search |
|
X40231S169-B Datasheet(PDF) 8 Page - Intersil Corporation |
|
X40231S169-B Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 36 page 8 FN8115.0 April 11, 2005 DETAILED DEVICE DESCRIPTION The X4023x combines One or Two Intersil Digitally Controlled Potentiometer (XDCP) devices, VCC power-on reset control, VCC low voltage reset control, two supplementary voltage monitors with independent outputs, and integrated EEPROM with Block Lock™ protection, in one package. The integrated functional- ity of the X4023x lowers system cost, increases reli- ability, and reduces board space requirements. DCPs allow for the “set-and-forget” adjustment during production test or in-system updating via the industry standard 2-wire interface. Applying voltage to VCC activates the Power-on Reset circuit which sets the RESET output HIGH, until the supply voltage stabilizes for a period of time (50-300 msec selectable via software). The RESET output then goes LOW. The Low Voltage Reset circuit sets the RESET output HIGH when VCC falls below the mini- mum VCC trip point. RESET remains HIGH until VCC returns to proper operating level and stabilizes for a period of time (tPURST). A Manual Reset (MR) input allows the user to externally activate the RESET output. Two supplementary Voltage Monitor circuits, V2MON and V3MON, continuously compare their inputs to individual trip voltages (independent on-chip voltage references factory set and user programmable). When an input voltage exceeds it’s associated trip level, the corresponding output (V3FAIL, V2FAIL) goes HIGH. When the input voltage becomes lower than it’s asso- ciated trip level, the corresponding output is driven LOW. A corresponding binary representation of the two monitor circuit outputs (V2FAIL and V3FAIL) are also stored in latched, volatile (CR) register bits. The status of these two monitor outputs can be read out via the 2-wire serial port. The bits will remain SET, even after the alarm condition is removed, allowing advanced recovery algorithms to be implemented. Intersil’s unique circuits allow for all internal trip voltages to be individually programmed with high accuracy, either by Intersil at final test or by the user during their production process. Some distributors offer VTRIP reprogramming as a value added service. This gives the designer great flexibility in changing system param- eters, either at the time of manufacture, or in the field. The memory portion of the device is a CMOS serial EEPROM array with Intersil’s Block LockTM protection. This memory may be used to store module manufactur- ing data, serial numbers, or various other system parameters. The EEPROM array is internally organized as x 8, and utilizes Intersil’s proprietary Direct WriteTM cells providing a minimum endurance of 1,000,000 cycles and a minimum data retention of 100 years. The device features a 2-Wire interface. PRINCIPLES OF OPERATION SERIAL INTERFACE Serial Interface Conventions The device supports a bidirectional bus oriented proto- col. The protocol defines any device that sends data onto the bus as a transmitter, and the receiving device as the receiver. The device controlling the transfer is called the master and the device being controlled is called the slave. The master always initiates data transfers, and provides the clock for both transmit and receive operations. The X4023x operates as a slave in all applications. Serial Clock and Data Data states on the SDA line can change only while SCL is LOW (see Figure 1). SDA state changes while SCL is HIGH are reserved for indicating START and STOP conditions. See Figure 1. On power-up of the X4023x, the SDA pin is in the input mode. SCL SDA Data Stable Data Change Data Stable Figure 1. Valid Data Changes on the SDA Bus X40231, X40233, X40235, X40237, X40239 |
Similar Part No. - X40231S169-B |
|
Similar Description - X40231S169-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |