Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40420V14-A Datasheet(PDF) 6 Page - Intersil Corporation

Part # X40420V14-A
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40420V14-A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X40420V14-A Datasheet HTML 2Page - Intersil Corporation X40420V14-A Datasheet HTML 3Page - Intersil Corporation X40420V14-A Datasheet HTML 4Page - Intersil Corporation X40420V14-A Datasheet HTML 5Page - Intersil Corporation X40420V14-A Datasheet HTML 6Page - Intersil Corporation X40420V14-A Datasheet HTML 7Page - Intersil Corporation X40420V14-A Datasheet HTML 8Page - Intersil Corporation X40420V14-A Datasheet HTML 9Page - Intersil Corporation X40420V14-A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
March 28, 2005
Resetting the VTRIPx Voltage
To reset a VTRIPx voltage, apply the programming volt-
age (Vp) to the WDO pin before a START condition is set
up on SDA. Next, issue on the SDA pin the Slave
Address A0h followed by the Byte Address 03h for
VTRIP1 and 0Bh for VTRIP2, followed by 00h for the Data
Byte in order to reset VTRIPx. The STOP bit following a
valid write operation initiates the programming sequence.
Pin WDO must then be brought LOW to complete the
operation.
After being reset, the value of VTRIPx becomes a nominal
value of 1.7V or lesser.
Note: This operation does not corrupt the memory array.
System Battery Switch
As long as VCC exceeds the low voltage detect threshold
VTRIP, VOUT is connected to VCC through a 5Ω (typical)
switch. When the VCC has fallen below V1TRIP, then VCC
is applied to VOUT if VCC is or equal to or greater than
VBATT - 0.03V. When VCC drops to less than VBATT -
0.03V, then VOUT is connected to VBATT through an 80Ω
(typical) switch. VOUT typically supplies the system static
RAM voltage, so the switchover circuit operates to pro-
tect the contents of the static RAM during a power failure.
Typically, when VCC has failed, the SRAMs go into a
lower power state and draw much less current than in
their active mode. When VCC returns, VOUT switches
back to VCC when VCC exceeds VBATT + 0.03V. There is
a 60mV hysteresis around this battery switch threshold to
prevent oscillations between supplies.
While VCC is connected to VOUT the BATT-ON pin is
pulled LOW. The signal can drive an external PNP tran-
sistor to provide additional current to the external circuits
during normal operation.
Operation
The device is in normal operation with VCC as long as
VCC > VTRIP1. It switches to the battery backup mode
when VCC goes away.
Control Register
The Control Register provides the user a mechanism for
changing the Block Lock and Watchdog Timer settings.
The Block Lock and Watchdog Timer bits are nonvolatile
and do not change when power is removed.
The Control Register is accessed with a special pream-
ble in the slave byte (1011) and is located at address
1FFh. It can only be modified by performing a byte write
operation directly to the address of the register and only
one data byte is allowed for each register write operation.
Prior to writing to the Control Register, the WEL and
RWEL bits must be set using a two step process, with
the whole sequence requiring 3 steps. See "Writing to
the Control Registers" on page 8.
The user must issue a stop, after sending this byte to
the register, to initiate the nonvolatile cycle that stores
WD1, WD0, PUP1, PUP0, and BP. The X40420 will not
acknowledge any data bytes written after the first byte
is entered.
The state of the Control Register can be read at any time
by performing a random read at address 01Fh, using the
special preamble. Only one byte is read by each register
read operation. The master should supply a stop condi-
tion to be consistent with the bus protocol, but a stop is
not required to end this operation.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
Figure 5. Sample VTRIP Reset Circuit
Condition
Mode of Operation
VCC > VTRIP1
Normal Operation
VCC > VTRIP1 &
VBATT = 0
Normal Operation without battery
backup capability
0
≤ V
CC ≤ VTRIP1
and VCC < VBATT
Battery Backup mode; RESET
signal is asserted. No communica-
tion to the device is allowed.
7
6
543
21
0
PUP1 WD1
WD0
BP
0
RWEL WEL PUP0
1
6
2
7
14
13
9
8
X40420
VTRIP1
Adj.
VP
RESET
4.7K
SDA
SCL
µC
Adjust
Run
V2FAIL
VTRIP2
Adj.
X40420, X40421


Similar Part No. - X40420V14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420V14-A INTERSIL-X40420V14-A Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420V14-A RENESAS-X40420V14-A Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40420V14-A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com