Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9420WVM-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9420WVM-2.7
Description  Single Digitally Controlled (XDCP) Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WVM-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9420WVM-2.7 Datasheet HTML 6Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 7Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 8Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 9Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 10Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 11Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 12Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 13Page - Intersil Corporation X9420WVM-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8195.0
March 7, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on SCK, SCL or any
address input with respect to VSS ........... -1V to +7V
Voltage on V+ (referenced to VSS)........................ 10V
Voltage on V- (referenced to VSS)........................-10V
(V+) - (V-) .............................................................. 12V
Any VH/RH, VL/RL, VW/RW ........................... V- to V+
Lead temperature (soldering, 10 seconds) ........ 300°C
IW (10 seconds)..................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as
a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH - VL)/63, single pot.
(4) Typical = Individual array resolution.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance
±20
%
Power Rating
50
mW
25°C, each pot
IW
Wiper Current
±3
mA
RW
Wiper Resistance
150
250
Wiper Current =
± 1mA,
V+/V- = ±3V
40
100
Wiper Current =
± 1mA,
V+/V- = ±5V
Vv+
Voltage on V+ Pin
X9420
+4.5
+5.5
V
X9420-2.7
+2.7
+5.5
Vv-
Voltage on V- Pin
X9420
-5.5
-4.5
V
X9420-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH, VL/RL, VW/RW
V-
V+
V
Noise
-140
dBV
Ref: 1kHz
Resolution(4)
1.6
%
See Note 5
Absolute Linearity(1)
±1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative Linearity(2)
±0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature Coefficient of RTOTAL
±300
ppm/°C
See Note 5
Ratiometric Temperature Coefficient
±20
ppm/°C
See Note 5
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3
IAL
Rh, RI, Rw leakage current
0.1
10
µA
Vin = V- to V+. Device is in
stand-by mode.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9420
5V
± 10%
X9420-2.7
2.7V to 5.5V
X9420


Similar Part No. - X9420WVM-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9420WVM-2.7 XICOR-X9420WVM-2.7 Datasheet
113Kb / 20P
   Single Digitally Controlled (XDCP) Potentiometer
More results

Similar Description - X9420WVM-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com