Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33565 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33565
Description  200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33565 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33565 Datasheet HTML 1Page - ON Semiconductor MC33565 Datasheet HTML 2Page - ON Semiconductor MC33565 Datasheet HTML 3Page - ON Semiconductor MC33565 Datasheet HTML 4Page - ON Semiconductor MC33565 Datasheet HTML 5Page - ON Semiconductor MC33565 Datasheet HTML 6Page - ON Semiconductor MC33565 Datasheet HTML 7Page - ON Semiconductor MC33565 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC33565
SEMICONDUCTOR
TECHNICAL DATA
200 mA INTELLIGENT LDO
REGULATOR WITH SMART
BYPASS CONTROL
Order this document by MC33565/D
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
(SO–8)
Pins 2 and 5 Not Connected
8
1
+5 Vin
N/C
+3.3 Vin
Gnd
Drive out
+3.3 Vout
Sense in
N/C
1
2
3
4
8
7
6
5
MC33565
Device
Type
Package
ORDERING INFORMATION
MC33565D
3.3V
SO–8
1
MOTOROLA ANALOG IC DEVICE DATA
Smart Voltage Regulator for
Peripheral Card Applications
The MC33565 Low Dropout Regulator is designed for computer
peripheral card applications complying with the
instantly available
requirements as specified by ACPI objectives. The MC33565 permits
glitch–free transitions from “sleep” to “active” system modes and has internal
logic circuitry to detect whether the system is being powered from the
motherboard main 5V power supply or the 3.3V aux supply.
The MC33565 provides a regulated output voltage of 3.3V via either an
internal low drop out 5.0V–to–3.3V voltage regulator or an external P–channel
MOSFET, depending on the operating status of the system in which the card is
installed. During normal operating mode (5V main supply available) the 3.3V
output is provided from the internal low dropout regulator at an output current
of 200mA. When the motherboard enters sleep mode, the MC33565 operates
from the 3.3V aux supply and routes the aux current to the output via the
external P–channel MOSFET bypass transistor controlled by the
drive out pin.
As a result, the output voltage provided to the peripheral card remains
constant at 3.3V even during transitions to and from sleep mode.
MC33565 Features:
Output Regulated to 2% Over Temperature
Output current up to 200mA
Excellent Line and Load Regulation
Low Dropout Voltage
Prevents reverse current flow during sleep mode
Glitch–free transfer from sleep mode to active mode
Compatible with Instantly Available PC systems
Evaluation Kit Available: (P.N. MC33565EVK)
Simplified Block Diagram
Vref
Compensation
&
Hysteresis
+5 Vin
Ref &
Detect
5V detect
Comp
Driver
Drive out
+3.3 Vout
Sense in
+3.3 Vin
Hyst sw
External
P–channel
MOSFET
+3.3 Vout
External
4.7
µF
cap
LDO
© Motorola, Inc. 1999
Rev 0, 6/99


Similar Part No. - MC33565

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - MC33565

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57022-XX PHILIPS-SA57022-XX Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
logo
ON Semiconductor
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
   LOW NOISE 200 mA LDO REGULATOR
logo
ON Semiconductor
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4588 ONSEMI-NCP4588 Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
NCP4588 ONSEMI-NCP4588_13 Datasheet
389Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
February, 2013 ??Rev. 1
logo
Vishay Siliconix
SI9177 VISHAY-SI9177 Datasheet
85Kb / 8P
   200-mA PSM Step Down Converter with Bypass Capability
Rev. B, 07-Apr-03
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com