Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33466H-33LT1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33466H-33LT1
Description  FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33466H-33LT1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33466H-33LT1 Datasheet HTML 4Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 5Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 6Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 7Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 8Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 9Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 10Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 11Page - ON Semiconductor MC33466H-33LT1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33466
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 19. MC33466H–33JT1 Step–Down Application
Drive
100
330
µF
VLx Limiter
3
Vref
Gnd
PWM
Controller
50 kHz
Oscillator
2
VO
3.3 V
320 mA
1.0 k
Vin
MBRD0520LT1
47
µH
1.5 k
3.3 V
330
µF
MC33466H–33JT1
MMBT2907ALT1
1
MMBT2222ALT1
BZX84C3V3LT1
Startup Circuit
Lx
Output
330
µF
Soft–Start
Phase
Comp
Test
Condition
Results
Line Regulation
Vin = 5.0 V to 10 V, IO = 320 mA
7 mV =
±0.1%
Load Regulation
Vin = 7.0 V, IO = 3.3 mA to 320 mA
3 mV =
±0.04%
Output Ripple
Vin = 7.0 V, IO = 320 mA
70 mVpp
Efficiency
Vin = 7.0 V, IO = 320 mA
63.8%


Similar Part No. - MC33466H-33LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33466H-33LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
logo
Semtech Corporation
SC1417B SEMTECH-SC1417B Datasheet
185Kb / 11P
   MicroPower, 620kHz PWM, Step-up DC/DC Converter
logo
Linear Technology
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com