Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40030S14-C Datasheet(PDF) 7 Page - Intersil Corporation

Part # X40030S14-C
Description  Triple Voltage Monitor with Intergrated CPU Supervisor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40030S14-C Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X40030S14-C Datasheet HTML 3Page - Intersil Corporation X40030S14-C Datasheet HTML 4Page - Intersil Corporation X40030S14-C Datasheet HTML 5Page - Intersil Corporation X40030S14-C Datasheet HTML 6Page - Intersil Corporation X40030S14-C Datasheet HTML 7Page - Intersil Corporation X40030S14-C Datasheet HTML 8Page - Intersil Corporation X40030S14-C Datasheet HTML 9Page - Intersil Corporation X40030S14-C Datasheet HTML 10Page - Intersil Corporation X40030S14-C Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8114.0
April 28, 2005
Figure 6. VTRIPX Set/Reset Sequence (X = 1, 2, 3)
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and
zeroes to the other bits of the control register.
Once set, WEL remains set until either it is reset to 0
(by writing a “0” to the WEL bit and zeroes to the other
bits of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a high volt-
age write cycle, so the device is ready for the next
operation immediately after the stop condition.
PUP1, PUP0: Power Up Bits (Nonvolatile)
The Power Up bits, PUP1 and PUP0, determine the
tPURST time delay. The nominal power up times are
shown in the following table.
VTRIPX Programming
Apply VCC and Voltage
Decrease VX
Actual VTRIPX -
Desired VTRIPX
DONE
Set Higher VX Sequence
Error < MDE
| Error | < | MDE |
YES
NO
Error > MDE+
> Desired VTRIPX to VX
Desired
Present Value
VTRIPX<
Execute
No
YES
Execute
VTRIPX Reset Sequence
Set VX = desired VTRIPX
New VX applied =
Old VX applied + | Error |
New VX applied =
Old VX applied - | Error |
Execute Reset VTRIPX
Sequence
Output Switches?
Note: X = 1, 2, 3
Let: MDE = Maximum Desired Error
Vx = VCC, VxMON
MDE+
Desired Value
MDE
Acceptable
Error Range
Error = Actual - Desired
PUP1
PUP0
Power on Reset Delay (tPURST)
0
0
50ms
0
1
200ms (factory setting)
1
0
400ms
1
1
800ms
X40030, X40031, X40034, X40035


Similar Part No. - X40030S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40030S14-C INTERSIL-X40030S14-C Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030S14-C INTERSIL-X40030S14-C Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030S14-C RENESAS-X40030S14-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40030S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com