Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM7101-GC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDM7101-GC
Description  Technical Specification for Optical Transceiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDM7101-GC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SDM7101-GC Datasheet HTML 1Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 2Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 3Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 4Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 5Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 6Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 7Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 8Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
- 8 / 9 -
(SDM7101-XC,SDM7101-XC)
Specification:TS-S97D022C
Date : August , 2000
9. Reliability Test
Bellcore TA-NWT-000983 Issue 2, December 1993
Heading
Test
Reference
Condition
Sampling
SEI Plan
LTPD
SS
C
SS
F/C
Mechanical Mechanical
MIL-STD-883
Condition B
Integrity
Shock
Method 2002
5 times/axis
500G, 1.0 ms
20%
11
0
---
---
1,500G, 0.5ms
20%
11
0
11
0
Vibration
MIL-STD-883
Condition A
20%
11
0
11
0
Method 2007
20 G
20-2,000 Hz
4 min/cycle; 4 cycles/axis
Thermal Shock MIL-STD-883
∆T=100°C
20%
11
0
11
0
Method 1011
Solderability
MIL-STD-883
(steam aging not required) 20%
11
0
11
0
Method 2003
Fiber Pull
1 Kg; 3 times;5sec.
20%
11
0
---
---
2 Kg; 3 times; 5sec.
20%
11
0
---
---
Endurance Accel. Aging
(R)-453
+85C; rated power
(High Temp.)
Section 5.18
>5,000hrs.
---
25
---
25
0
>10,000hrs.
---
10
---
---
---
High Temp.
----------
max. storage T (T=85°C)
20%
11
0
---
---
Storage
>2,000
Low Temp.
----------
min. storage T (T=-40°C)
20%
11
0
11
0
Storage
>2,000
Temperature
Section 5.20
- 40°C to +85°C
Cycling
400 times pass/fail
20%
11
0
---
---
500 times for info.
---
11
---
---
---
500 times pass/fail
20%
11
0
11
0
1000 times for info.
---
11
---
11
0
Damp Heat
MIL-STD-202 M103 40°C , 95%, 56days
20%
11
0
11
0
(if using epoxy) or IEC 68-2-3
or 85°C /85%RH 2,000hrs. 20%
11
0
---
---
Cyclic Moisture Section 5.23
----------
20%
11
0
11
0
Resistance
Special
Internal
MIL-STD-883
< 5,000 ppm
20%
11
0
11
0
Tests
Moisture
Method 1018
water vapor
Flammability
TR357:Sec. 4.4.2.5 -----------
----
----
---
----
OK
ESD Threshold Section 5.22
-----------
----
6
---
6
0
Class 1 Laser Product
Caution
Ifthisproductisusedunderconditionsnotrecommendedinthespecificationorthisproductisusedwithunauthorizedrevision,
classficationforlaserproductsafetystandardisinvalid. Classify theproductagainatyourresponsibilityandtakeappropriateactions.
10. Laser Safety
This product uses a semiconductor laser system and is a laser class
1 product acc. FDA, complies with 21CFR1040. 10 and 1040.11.
Also this product is a laser class 1 product acc. IEC 825-1.


Similar Part No. - SDM7101-GC

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SDM7-M-7P180D-DP APACER-SDM7-M-7P180D-DP Datasheet
694Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
SDM7-SL-7P180D-DP APACER-SDM7-SL-7P180D-DP Datasheet
721Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
More results

Similar Description - SDM7101-GC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
OPTREX CORPORATION
F-51373GNC-LW-AJ OPTREX-F-51373GNC-LW-AJ Datasheet
595Kb / 20P
   LCD MODULE TECHNICAL SPECIFICATION FOR TRIAL
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
DMF5005NF OPTREX-DMF5005NF Datasheet
79Kb / 17P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-FW-APN KSS-T-51750GD065J-FW-APN Datasheet
834Kb / 30P
   LCD Module Technical Specification
T-55620GD057JU-LW-AAN KSS-T-55620GD057JU-LW-AAN Datasheet
1Mb / 29P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com