Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM7101-GC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDM7101-GC
Description  Technical Specification for Optical Transceiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDM7101-GC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SDM7101-GC Datasheet HTML 1Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 2Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 3Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 4Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 5Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 6Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 7Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 8Page - List of Unclassifed Manufacturers SDM7101-GC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 6 / 9 -
(SDM7101-XC,SDM7101-XC)
Specification:TS-S97D022C
Date : August , 2000
6. Electrical Interface
(Unlessotherwisespecified,Vcc
TX-VeeTX =VccRX-VeeRX= 4.75 to 5.25 V and all operating temperature shall
apply.)
6-1.Transmitterside
6-2. Receiver side
7. Optical Interface
( Unless otherwise specified, Vcc-Vee = 4.75 to 5.25 V and all operating temperature shall apply. )
7-1.Transmitterside
Warning
Donotlookatthelaserbeamprojectionarea(e.g.endofopticalconnector)withnakedeyesorthroughopticalequipmentwhilethe
powerissuppliedtothisproduct.Otherwise,youreyesmaybeinjured.
Parameter
Symbol
min.
Typ.Max.Unit
Note
Average Output Power to SMF
Pos
-15.0
-11.0
-8.0
dBm
1
Extinction Ratio
Er
8.2
dB
1
Center Wavelength
λc
1261
1360
nm
Spectral Width (RMS)
∆λ
7.7
nm
Eye Mask for Optical Output
Refer to Figure 5
Note 1. Measured at 155.52Mbps PRBS2^23-1, 50% duty cycle data, NRZ
Parameter
Symbol
min.
Typ.
Max.
Unit
Note
Supply VoltageVccTX-VeeTX
4.75
5.00
5.25
V
Supply Current
Idtx
70
150
mA
1
Input VoltageHighVih
VccTX-1.17
VccTX-0.73
V
2
TD, TDb
Low
Vil
VccTX-1.95
VccTX-1.45
Input Current
High
Iih
-10
150
µA2
TD, TDb
Low
Iil
-10
10
Signal Input Rise / Fall Time
1.6
nsec.
3
Note 1. Input bias current is not included. 50% duty cycle data. 155.52Mbps
2. VccTX-VeeRX=5.0V, Tc=25°C
3. 20 ~ 80%
"H"
"L"
Pd
Pa
Figure 4. FLAG Assert Level and Deassert Level
Optical Input Power
Relation between Input Signal
and Optical Output Signal
Input Signal
Optical Output Siganl
TD
TDb
High
Low
ON (High)
Low
High
OFF (Low)
High
High
Undefined
Low
Low
Undefined
0.15
0.35
0.65
0.85
0.00
1.20
1.00
0.80
0.50
0.20
0.00
-0.20
1.00
Figure 5. Optical Pulse Mask with Fourth Order
Bessel-Thomson Filter Specified in ITU-T G.957
Parameter
Symbol
min.
Typ.
Max.
Unit
Note
Supply VoltageVccRX-VeeRX
4.75
5.00
5.25
V
Supply Current
Idrx
60
110
mA
1
Data & SD
HighVoh
VccRX-1.03
VccRX-0.88
V
2
Output Voltage
Low
Vol
VccRX-1.81
VccRX-1.62
Data Rise / Fall Time of Output Signal
Trd / Tfd
1.6
nsec
3
SD Assert Time
Sa
100
µsec
4
SD Deassert Time
Sd
350
µsec
4
Note 1. Output current is not included. 50% duty cycle data, 155Mbps, NRZ
Note 2. Vccrx=+5.0V, Tc=25°C, Output load resistance
Rl=50
Ω to Vccrx-2V for RD, RDb and SD.
Note 3. 20 ~ 80%
Note 4. Please refer to Figure 4
Note 5. 50% duty cycle data, 155Mbps, PRBS223-1, NRZ, Pin = -34 ~ -8dBm


Similar Part No. - SDM7101-GC

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SDM7-M-7P180D-DP APACER-SDM7-M-7P180D-DP Datasheet
694Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
SDM7-SL-7P180D-DP APACER-SDM7-SL-7P180D-DP Datasheet
721Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
More results

Similar Description - SDM7101-GC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
OPTREX CORPORATION
F-51373GNC-LW-AJ OPTREX-F-51373GNC-LW-AJ Datasheet
595Kb / 20P
   LCD MODULE TECHNICAL SPECIFICATION FOR TRIAL
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
DMF5005NF OPTREX-DMF5005NF Datasheet
79Kb / 17P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-FW-APN KSS-T-51750GD065J-FW-APN Datasheet
834Kb / 30P
   LCD Module Technical Specification
T-55620GD057JU-LW-AAN KSS-T-55620GD057JU-LW-AAN Datasheet
1Mb / 29P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com