Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40239 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X40239
Description  Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40239 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X40239 Datasheet HTML 2Page - Intersil Corporation X40239 Datasheet HTML 3Page - Intersil Corporation X40239 Datasheet HTML 4Page - Intersil Corporation X40239 Datasheet HTML 5Page - Intersil Corporation X40239 Datasheet HTML 6Page - Intersil Corporation X40239 Datasheet HTML 7Page - Intersil Corporation X40239 Datasheet HTML 8Page - Intersil Corporation X40239 Datasheet HTML 9Page - Intersil Corporation X40239 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
FN8115.0
April 11, 2005
X40237 PIN ASSIGNMENT
SOIC
Name
Function
1
RH2
Connection to end of resistor array for (the 256 Tap) DCP2.
2
RW2
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP2.
3V3MON
V3MON Voltage Monitor Input.
V3MON is the input to a non-inverting voltage comparator circuit. When the V3MON input is higher than
the VTRIP3 threshold voltage, V3FAIL makes a transition to a HIGH level. Connect V3MON to VSS when
not used.
4V3FAIL
V3MON RESET Output.
This open drain output makes a transition to a HIGH level when V3MON is greater than VTRIP3 and goes
LOW when V3MON is less than VTRIP3. There is no delay circuitry on this pin. The V3FAIL pin requires
the use of an external “pull-up” resistor.
5MR
Manual Reset. MR is a TTL level compatible input.
Pulling the MR pin active (HIGH) initiates a reset cycle to the RESET pin (VCC RESET Output pin).
RESET will remain HIGH for time tPURST after MR has returned to it’s normally LOW state. The reset
time can be selected using bits PUP1 and PUP0 in the CR Register. The MR pin requires the use of an
external “pull-down” resistor.
6WP
Write Protect Control Pin.
WP pin is a TTL level compatible input. When held HIGH, Write Protection is enabled. In the enabled
state, this pin prevents all nonvolatile “write” operations. Also, when the Write Protection is enabled, and
the device Block Lock feature is active (i.e. the Block Lock bits are NOT [0,0]), then no “write” (volatile
or nonvolatile) operations can be performed in the device (including the wiper position of any of the
integrated Digitally Controlled Potentiometers (DCPs). The WP pin uses an internal “pull-down” resistor,
thus if left floating the write protection feature is disabled.
7SCL
Serial Clock.
This is a TTL level compatible input pin used to control the serial bus timing for data input and output.
8SDA
Serial Data.
SDA is a bidirectional TTL level compatible pin used to transfer data into and out of the device. The SDA
pin input buffer is always active (not gated). This pin requires an external pull up resistor.
9
VSS
Ground.
10
NC
No Connect
11
RH0
Connection to end of resistor array for (the 64 Tap) DCP0.
12
RW0
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP0.
13
V2MON
V2MON Voltage Monitor Input.
V2MON is the input to a non-inverting voltage comparator circuit. When the V2MON input is greater than
the VTRIP2 threshold voltage, V2FAIL makes a transition to a HIGH level. Connect V2MON to VSS when
not used.
14
V2FAIL
V2MON RESET Output.
This open drain output makes a transition to a HIGH level when V2MON is greater than VTRIP2, and goes
LOW when V2MON is less than VTRIP2. There is no power-uppower-up reset delay circuitry on this pin.
The V2FAIL pin requires the use of an external “pull-up” resistor.
15
RESET
VCC RESET Output.
This is an active HIGH, open drain output which becomes active whenever VCC falls below VTRIP1.
RESET becomes active on power-up and remains active for a time tPURST after the power supply
stabilizes (tPURST can be changed by varying the PUP0 and PUP1 bits of the internal control register).
The RESET pin requires the use of an external “pull-up” resistor. The RESET pin can be forced active
(HIGH) using the manual reset (MR) input pin.
16
VCC
Supply Voltage.
X40231, X40233, X40235, X40237, X40239


Similar Part No. - X40239

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40239 RENESAS-X40239 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X40239S16I-A RENESAS-X40239S16I-A Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X40239S16I-B RENESAS-X40239S16I-B Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
More results

Similar Description - X40239

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com