Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317US8I Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9317US8I
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317US8I Datasheet(HTML) 5 Page - Intersil Corporation

  X9317US8I Datasheet HTML 1Page - Intersil Corporation X9317US8I Datasheet HTML 2Page - Intersil Corporation X9317US8I Datasheet HTML 3Page - Intersil Corporation X9317US8I Datasheet HTML 4Page - Intersil Corporation X9317US8I Datasheet HTML 5Page - Intersil Corporation X9317US8I Datasheet HTML 6Page - Intersil Corporation X9317US8I Datasheet HTML 7Page - Intersil Corporation X9317US8I Datasheet HTML 8Page - Intersil Corporation X9317US8I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN8183.1
September 9, 2005
Block Diagram
Up/Down
Counter
7-Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
One
of
One
Decoder
Resistor
Array
RH
U/D
INC
CS
Wiper
Switches
Hundred
VCC
VSS
RL
RW
Control
and
Memory
Up/Down
(U/D)
Increment
(INC)
Device Select
(CS)
VCC (Supply Voltage)
VSS (Ground)
RH
RW
RL
General
Detailed
0
1
2
96
97
98
99
Pin Descriptions
DIP/SOIC
SYMBOL
BRIEF DESCRIPTION
1INC
Increment. Toggling INC while CS is low moves the wiper either up or down.
2U/D
Up/Down. The U/D input controls the direction of the wiper movement.
3RH
The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
4VSS
Ground.
5R
W
The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer.
6
RL
The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
7CS
Chip Select. The device is selected when the CS input is LOW, and de-selected when CS is high.
8VCC
Supply Voltage.
X9317


Similar Part No. - X9317US8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317US8IZ INTERSIL-X9317US8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317US8IZ INTERSIL-X9317US8IZ Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317US8IZ RENESAS-X9317US8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317US8IZ-2.7 INTERSIL-X9317US8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317US8IZ-2.7 INTERSIL-X9317US8IZ-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317US8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com