Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40030S14-B Datasheet(PDF) 1 Page - Intersil Corporation

Part # X40030S14-B
Description  Triple Voltage Monitor with Intergrated CPU Supervisor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40030S14-B Datasheet(HTML) 1 Page - Intersil Corporation

  X40030S14-B Datasheet HTML 1Page - Intersil Corporation X40030S14-B Datasheet HTML 2Page - Intersil Corporation X40030S14-B Datasheet HTML 3Page - Intersil Corporation X40030S14-B Datasheet HTML 4Page - Intersil Corporation X40030S14-B Datasheet HTML 5Page - Intersil Corporation X40030S14-B Datasheet HTML 6Page - Intersil Corporation X40030S14-B Datasheet HTML 7Page - Intersil Corporation X40030S14-B Datasheet HTML 8Page - Intersil Corporation X40030S14-B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8114.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
X40030, X40031, X40034, X40035
Triple Voltage Monitor with Integrated
CPU Supervisor
FEATURES
• Triple voltage detection and reset assertion
—Standard reset threshold settings
See selection table on page 2.
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor three seperate voltages
• Fault detection register
• Selectable power on reset timeout
(0.05s, 0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval
(25ms, 200ms, 1.4s or off)
• Debounced manual reset input
• Low power CMOS
—25µA typical standby current, watchdog on
—6µA typical standby current, watchdog off
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—14-lead SOIC, TSSOP
• Monitor Voltages: 5V to 0.9V
• Independent Core Voltage Monitor
APPLICATIONS
• Communication Equipment
—Routers, Hubs, Switches
—Disk arrays, Network Storage
• Industrial Systems
—Process Control
—Intelligent Instrumentation
• Computer Systems
—Computers
—Network Servers
DESCRIPTION
The X40030, X40031, X40034, X40035 combines
power-on reset control, watchdog timer, supply voltage
supervision, second and third voltage supervision, and
manual reset, in one package. This combination lowers
system cost, reduces board space requirements, and
increases reliability.
Applying voltage to VCC activates the power on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and system oscilla-
tor to stabilize before the processor can execute code.
Low VCC detection circuitry protects the user’s system
from low voltage conditions, resetting the system
when VCC falls below the minimum VTRIP1 point.
RESET/RESET is active until VCC returns to proper
operating level and stabilizes. A second and third volt-
age monitor circuit tracks the unregulated supply to
provide a power fail warning or monitors different
power supply voltage. Three common low voltage
combinations are available, however, Intersil’s unique
circuits allows the threshold for either voltage monitor
to be reprogrammed to meet specific system level
requirements or to fine-tune the threshold for applica-
BLOCK DIAGRAM
V3FAIL
V2FAIL
WDO
MR
LOWLINE
RESET
RESET
X40030/34
X40031/35
V3 Monitor
Logic
V2 Monitor
Logic
Fault Detection
Register
Status
Register
Data
Register
Command
Decode Test
& Control
Logic
Power on,
Manual Reset
Low Voltage
Reset
Generation
VCC Monitor
Logic
V3MON
V2MON
SDA
WP
SCL
VCC
(V1MON)
Watchdog
and
Reset Logic
+
-
VTRIP3
+
-
VTRIP2
+
-
VTRIP1
VCC or
V2MON*
Data Sheet
April 28, 2005


Similar Part No. - X40030S14-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40030S14-B INTERSIL-X40030S14-B Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030S14-B INTERSIL-X40030S14-B Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030S14-B RENESAS-X40030S14-B Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40030S14-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com