Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9448YV24-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9448YV24-2.7
Description  Mixed Signal with 2-Wire Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9448YV24-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X9448YV24-2.7 Datasheet HTML 1Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 2Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 3Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 4Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 5Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9448YV24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN8201.0
April 18, 2005
PIN DESCRIPTIONS
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9448.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical val-
ues, refer to the guidelines for calculating typical val-
ues on the bus pull-up resistors graph.
Device Address (A0 - A3)
The address inputs are used to set the least significant
4 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
address input in order to initiate communication with
the X9448. A maximum of 16 devices may share the
same 2-wire serial bus.
Potentiometer Pins
VH (VH0 - VH1), VL (VL0 - VL1)
The VH and VL inputs are equivalent to the terminal con-
nections on either end of a mechanical potentiometer.
VW (VW0 - VW1)
The wiper output is equivalent to the wiper output of a
mechanical potentiometer and is connected to the
inverting input of the voltage comparator.
Comparator and Device Pins
Voltage Input VNI0, VNI1
VNI0 and VNI1 are the input voltages to the plus (non-
inverting) inputs of the two comparators.
Buffered Voltage Outputs VOUT0, VOUT1
The VOUT0, and VOUT1 are the buffered voltage
comparator outputs enabled by respective bits in the
volatile analog control register.
Hardware Write Protect Input WP
The WP pin when low prevents nonvolatile writes to
the wiper counter and analog control registers.
Analog Supplies V+, V-
The analog supplies V+, V- are the supply voltages for
the XDCP analog section and the voltage comparators.
System Supply VCC and Ground VSS
The system supply VCC and its reference VSS is used
to bias the interface and control circuits.
PIN CONFIGURATION
VCC
VL0
VH0
WP
SDA
A1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
V+
VOUT0
VNI0
NC
A0
NC
A3
SCL
NC
VNI1
SOIC
X9448
VSS
VW0
13
11
12
A2
VL1
VH1
VW1
VOUT1
VCC
VL1
VH1
WP
SDA
A2
A3
SCL
NC
VNI1
TSSOP
VSS
VW1
A1
VL0
VH0
VW0
V-
VOUT1
NC
V+
VOUT0
VNI0
A0
NC
V-
15
14
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
X9448
13
11
12
15
14
X9448


Similar Part No. - X9448YV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Xicor Inc.
X9448-2.7 XICOR-X9448-2.7 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
More results

Similar Description - X9448YV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Intersil Corporation
X9440 INTERSIL-X9440 Datasheet
363Kb / 21P
   Mixed Signal with SPI Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
MSPM0G3507 TI-MSPM0G3507_V03 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V04 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI-MSPM0G3507_V01 Datasheet
1Mb / 25P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com