Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9420YV-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9420YV-2.7
Description  Single Digitally Controlled (XDCP) Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420YV-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9420YV-2.7 Datasheet HTML 7Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 8Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 9Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 10Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 11Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 12Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 13Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 14Page - Intersil Corporation X9420YV-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8195.0
March 7, 2005
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER-UP REQUIREMENTS (Power-up sequencing can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First VCC, then V+ and V-, and then the potentiometer pins, RH, RL,
and RW. Voltage should not be applied to the potentiometer pins before V+ or V- is applied. The VCC ramp rate
specification should be met, and any glitches or slope changes in the VCC line should be held to <100mV if possible.
If VCC powers down, it should be held below 0.1V for more than 1 second before powering up again in order for
proper wiper register recall. Also, VCC should not reverse polarity by more than 0.5V. Recall of wiper position will not
be complete until VCC, V+ and V- reach their final value.
Notes: (5) This parameter is periodically sampled and not 100% tested.
(6) tPUR and tPUW are the delays required from the time the third (last) power supply (VCC, V+ or V-) is stable until the specific instruction
can be issued. These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
ICC1
VCC Supply Current (Active)
400
µA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ICC2
VCC Supply Current
(Non-volatile Write)
1mA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ISB
VCC Current (Standby)
1
µA
SCK = SI = VSS, Addr. = VSS
ILI
Input Leakage Current
10
µAV
IN = VSS to VCC
ILO
Output Leakage Current
10
µAV
OUT = VSS to VCC
VIH
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW Voltage
-0.5
VCC x 0.1
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Parameter
Min.
Units
Minimum Endurance
100,000
Data Changes per Bit per Register
Data Retention
100
Years
Symbol
Test
Max.
Units
Test Conditions
COUT
(5)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
(5)
Input Capacitance (A0, SI, and SCK)
6
pF
VIN = 0V
Symbol
Parameter
Max.
Max.
Units
tPUR
(6)
Power-up to Initiation of Read Operation
1
1
ms
tPUW
(6)
Power-up to Initiation of Write Operation
5
5
ms
tRVCC
VCC Power-up Ramp
0.2
50
V/msec
X9420


Similar Part No. - X9420YV-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9420YV-2.7 XICOR-X9420YV-2.7 Datasheet
113Kb / 20P
   Single Digitally Controlled (XDCP) Potentiometer
More results

Similar Description - X9420YV-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com