Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9448YP24-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9448YP24-2.7
Description  Mixed Signal with 2-Wire Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9448YP24-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9448YP24-2.7 Datasheet HTML 4Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 5Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 6Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 7Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 8Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 9Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 10Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 11Page - Intersil Corporation X9448YP24-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN8201.0
April 18, 2005
REGISTERS OPERATION
Both XDCP potentiometers and voltage comparators
share the serial interface and share a common archi-
tecture. Each potentiometer and voltage comparator is
associated with wiper counter and analog control reg-
isters and eight data registers. A detailed discussion of
the register organization and array operation follows.
Wiper Counter (WCR) and Analog Control
Registers (ACR)
The X9448 contains two wiper counter registers one
for each XDCP potentiometer and two analog control
registers, one for each of the two voltage comparators.
The wiper counter register is equivalent to a serial-in,
parallel-out counter with its outputs decoded to select
one of sixty-four switches along its resistor array. The
contents of the wiper counter register and analog con-
trol register can be altered in four ways: it may be writ-
ten directly by the host via the Write WCR instruction
(serial load); it may be written indirectly by transferring
the contents of one of four associated data registers
(DR) via the XFR data register instruction (parallel
load); it can be modified one step at a time by the
increment/decrement instruction (WCR only). Finally,
it is loaded with the contents of its data register zero
(R0) upon power-up.
The wiper counter and analog control register are vol-
atile registers; that is, their contents are lost when the
X9448 is powered-down. Although the registers are
automatically loaded with the value in R0 upon power-
up, it should be noted this may be different from the
value present at power-down.
Programming the ACR is similar to the WCR. How-
ever, the 6 bits in the WCR positions the wiper in the
resistor array while 3 bits in the ACR control the com-
parator and its output.
Data Registers (DR)
Each potentiometer and each voltage comparator has
four nonvolatile data registers (DR). These can be
read or written directly by the host and data can be
transferred between any of the four data registers and
the WCR or ACR. It should be noted all operations
changing data in one of these registers is a nonvolatile
operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer or comparator, these
registers can be used as regular memory locations that
could store system parameters or user preference data.
REGISTER DESCRIPTIONS
Wiper Counter Register (WCR)
WP0-WP5 identify wiper position.
Analog Control Register (ACR)
Shutdown
“1”
indicates power is connected to the voltage
comparator.
“0”
indicates power is not connected to the voltage
comparator.
Enable
“1”
indicates the output buffer of the voltage com-
parator is enabled.
“0”
indicates the output buffer of the voltage com-
parator is disabled.
Latch
“1”
indicates the output of the voltage comparator
is memorized or latched.
“0”
indicates the output of the voltage comparator
is not latched.
Userbits—available for user applications
Data Registers (DR, R0 - R3)
Memory Map
0
0
WP5 WP4 WP3 WP2 WP1
WP0
(volatile)
(LSB)
00
User
-bit5
User
-bit4
User
-bit3
Latch Enable
Shut-
down
(volatile)
(LSB)
Wiper Position or Analog Control Data or User Data
(Nonvolatile)
WCRO
WCR1
ACR0
ACR1
R0
R0
R0
R0
R1
R1
R1
R1
R2
R2
R2
R2
R3
R3
R3
R3
X9448


Similar Part No. - X9448YP24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Xicor Inc.
X9448-2.7 XICOR-X9448-2.7 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
More results

Similar Description - X9448YP24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Intersil Corporation
X9440 INTERSIL-X9440 Datasheet
363Kb / 21P
   Mixed Signal with SPI Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
MSPM0G3507 TI-MSPM0G3507_V03 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V04 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI-MSPM0G3507_V01 Datasheet
1Mb / 25P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com