Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9408WS24-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9408WS24-2.7
Description  Low Noise/Low Power/2-Wire Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408WS24-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9408WS24-2.7 Datasheet HTML 1Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 2Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 3Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 4Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 5Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 6Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 7Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 8Page - Intersil Corporation X9408WS24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8191.2
September 19, 2005
PIN DESCRIPTIONS
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9408.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical
values, refer to the guidelines for calculating typical
values on the bus pull-up resistors graph.
Device Address (A0 - A3)
The address inputs are used to set the least significant
4 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
address input in order to initiate communication with
the X9408. A maximum of 16 devices may occupy the
2-wire serial bus.
Potentiometer Pins
VH/RH (VH0/RH0 - VH3/RH3), VL/RL (VL0/RL0 - VL3/RL3)
The VH/RH and VL/RL inputs are equivalent to the
terminal connections on either end of a mechanical
potentiometer.
VW/RW (VW0/RW0 – VW3/RW3)
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
Hardware Write Protect Input (WP)
The WP pin when low prevents nonvolatile writes to
the Data Registers.
Analog Supplies V+, V-
The Analog Supplies V+, V- are the supply voltages
for the XDCP analog section.
PIN NAMES
PIN CONFIGURATION
Symbol
Description
SCL
Serial Clock
SDA
Serial Data
A0-A3
Device Address
VH0/RH0 - VH3/RH3,
VL0/RL0 - VL3/RL3
Potentiometer Pins
(terminal equivalent)
VW0/RW0 - VW3/RW3
Potentiometer Pins
(wiper equivalent)
WP
Hardware Write Protection
V+,V-
Analog Supplies
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
VCC
VL0/RL0
VH0/RH0
WP
SDA
A1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
V+
VL3/RL3
VH3/RH3
VW3/RW3
A0
NC
A3
SCL
VL2/RL2
VH2/RH2
DIP/SOIC
X9408
V
SS
VW0/RW0
14
13
11
12
A2
VL1/RL1
VH1/RH1
VW1/RW1
VW2/RW2
V-
SDA
A1
VH2/RH2
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
WP
A2
VW0/RW0
VCC
V+
VL3/RL3
VH3/RH3
VW3/RW3
TSSOP
X9408
VW2/RW2
14
13
11
12
A3
VL1/RL1
VH1/RH1
VW1/RW1
A0
NC
VH0/RH0
V-
SCL
VL2/RL2
VL0/RL0
VSS
X9408


Similar Part No. - X9408WS24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408WS24-2.7 INTERSIL-X9408WS24-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408WS24-2.7 RENESAS-X9408WS24-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408WS24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com