Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9448WP24-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9448WP24-2.7
Description  Mixed Signal with 2-Wire Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9448WP24-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9448WP24-2.7 Datasheet HTML 6Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 7Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 8Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 9Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 10Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 11Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 12Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 13Page - Intersil Corporation X9448WP24-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN8201.0
April 18, 2005
COMPARATOR ELECTRICAL CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)
Notes: (1) 100mV step with 100mV overdrive, ZL = 10k
Ω || 15pF, 10-90% risetime.
(2) Time from leading edge of enable bit to valid VOUT.
SYSTEM/DIGITAL D.C. OPERATING CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)l
ENDURANCE AND DATA RETENTION
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.
Max.
VOS
Input offset voltage
-1
-5
1
5
mV
mV
V+/V- =
±3V
V+/V- =
±5V
IB
Input current
10
pA
VIR
Input voltage range
V-
V+
V
tR
Response time
200
ns
note 1
IO
Output current
-1
1
mA
AV
Voltage gain
V/mV
PSRR
Power supply rejection ratio
60
dB
VOR
Output voltage range
VSS
VCC
V
TCVOS
Input offset voltage drift
6
µV/°C
IS
Supply current (V+ to V-)
1.2
.5
mA
mA
V+/V- =
±5V
V+/V- =
±3V
TON
Comparator enable time
1
µs
note 2
VOL
Output low voltage
0.4
V
IO = 1mA
VOH
Output high voltage
VCC - 0.8
V
IO = 1mA
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
ICC
VCC supply current (active)
400
µA
fSCL = 400kHz, SDA = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCL = SDA = VCC, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW voltage
-0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
X9448


Similar Part No. - X9448WP24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Xicor Inc.
X9448-2.7 XICOR-X9448-2.7 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
More results

Similar Description - X9448WP24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Intersil Corporation
X9440 INTERSIL-X9440 Datasheet
363Kb / 21P
   Mixed Signal with SPI Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
MSPM0G3507 TI-MSPM0G3507_V03 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V04 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI-MSPM0G3507_V01 Datasheet
1Mb / 25P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com