Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9530B15I Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9530B15I
Description  Temperature Compensated Laser Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530B15I Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9530B15I Datasheet HTML 6Page - Intersil Corporation X9530B15I Datasheet HTML 7Page - Intersil Corporation X9530B15I Datasheet HTML 8Page - Intersil Corporation X9530B15I Datasheet HTML 9Page - Intersil Corporation X9530B15I Datasheet HTML 10Page - Intersil Corporation X9530B15I Datasheet HTML 11Page - Intersil Corporation X9530B15I Datasheet HTML 12Page - Intersil Corporation X9530B15I Datasheet HTML 13Page - Intersil Corporation X9530B15I Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
FN8211.0
March 10, 2005
Figure 5. D/A Converter Block Diagram
+
-
I1 or I2 Pin
R1 or R2 Pin
R1_External or R2_External
I1DS or I2DS: bits
Vss
Vss
I1FSO[1:0]
VRef
Optional external resistor
Select
Circuit
Polarity
Vcc
Voltage
6 or 7 in Control
register 0.
Divider
DAC1 or
DAC2
Input byte
Vss
Vss
or I2FSO[1:0]
bits 1 and 0, or
3 and 2 in Control
register 5
11
10
01
00
Figure 6. Look-up Table (LUT) Operation
DAC 2
8
D0h
D0h
10Fh
8
LUT2
6
LUT2 Row
Out
D1
D0
Select
D2DAS: Bit 7 of
D2DA[7:0] : Control register 4
Selection bits
A
D
D
E
R
8
8
Input Byte
Control register 5
DAC 1
8
90h
90h
CFh
8
LUT1
6
LUT1 Row
Out
D1
D0
Select
D1DAS: Bit 5 of
D1DA[7:0] : Control register 3
Selection bits
A
D
D
E
R
8
8
Input Byte
Control register 5
X9530


Similar Part No. - X9530B15I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530B15I XICOR-X9530B15I Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
X9530B15I-T1 XICOR-X9530B15I-T1 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
X9530B15I-T2 XICOR-X9530B15I-T2 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
More results

Similar Description - X9530B15I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com