Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9440WP24-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9440WP24-2.7
Description  Mixed Signal with SPI Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9440WP24-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9440WP24-2.7 Datasheet HTML 1Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 2Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 3Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 4Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 5Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 6Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 7Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 8Page - Intersil Corporation X9440WP24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8200.0
March 28, 2005
REGISTERS
Both digitally-controlled potentiometers and voltage com-
parators share the serial interface and share a common
architecture. Each potentiometer and voltage comparator
is associated with wiper counter and analog control reg-
isters and eight data registers. A detailed discussion of
the register organization and array operation follows.
Wiper Counter (WCR) and Analog Control
Registers (ACR)
The X9440 contains two wiper counter registers: one
for each XDCP potentiometer and two Analog Control
Registers, and one for each of the two voltage com-
parators. The wiper counter register is equivalent to a
serial-in, parallel-out counter with its outputs decoded
to select one of sixty-four switches along its resistor
array. The contents of the wiper counter register and
analog control register can be altered in four ways: it
may be written directly by the host via the Write WCR
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated
data registers (DR) via the XFR data register instruc-
tion (parallel load); it can be modified one step at a
time by the increment/ decrement instruction (WCR
only). Finally, it is loaded with the contents of its data
register zero (R0) upon power-up.
The wiper counter and analog control register are vol-
atile registers; that is, their contents are lost when the
X9440 is powered-down. Although the registers are
automatically loaded with the value in R0 upon power-
up, it should be noted this may be different from the
value present at power-down.
Programming the ACR is similar to the WCR. How-
ever, the 6 bits in the WCR positions the wiper in the
resistor array while 3 bits in the ACR control the com-
parator and its output.
Data Registers (DR)
Each potentiometer and each voltage comparator has
four non volatile data registers (DR). These can be
read or written directly by the host and data can be
transferred between any of the four data registers and
the WCR or ACR. It should be noted all operations
changing data in one of these registers is a non vola-
tile operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer or comparator, these reg-
isters can be used as regular memory locations that
could store system parameters or user preference data.
Figure 1. Detailed Potentiometer Block Diagram
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Bus
Input
Counter
Register
Inc/Dec
Logic
UP/DN
CLK
Modified SCK
UP/DN
VH
VL
VW
8
6
C
o
u
n
t
e
r
D
e
c
o
d
e
If WC = 00[H] VW = VL
If WC = 3F[H] VW = VH
Wiper
(One of Two Arrays)
(WCR)
X9440


Similar Part No. - X9440WP24-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9440 RENESAS-X9440 Datasheet
836Kb / 21P
   Mixed Signal with SPI Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
More results

Similar Description - X9440WP24-2.7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
Q32M210 ONSEMI-Q32M210 Datasheet
505Kb / 50P
   Precision Mixed-Signal 32-bit Microcontroller SPI/SQI interface.
April, 2011 ??Rev. 5
logo
Renesas Technology Corp
X9440 RENESAS-X9440 Datasheet
836Kb / 21P
   Mixed Signal with SPI Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Intersil Corporation
X9448 INTERSIL-X9448 Datasheet
312Kb / 19P
   Mixed Signal with 2-Wire Interface
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
MSPM0G3507 TI-MSPM0G3507_V03 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V04 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com