Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9428WV-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9428WV-2.7
Description  Single Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9428WV-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9428WV-2.7 Datasheet HTML 4Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 5Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 6Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 7Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 8Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 9Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 10Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 11Page - Intersil Corporation X9428WV-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8197.0
March 8, 2005
DETAILED OPERATION
The potentiometer has a Wiper Counter Register and
four Data Registers. A detailed discussion of the
register organization and array operation follows.
Wiper Counter Register
The X9428 contains a Wiper Counter Register. The
Wiper Counter Register can be envisioned as a 6-bit
parallel and serial load counter with its outputs
decoded to select one of sixty-four switches along its
resistor array. The contents of the WCR can be altered
in four ways: it may be written directly by the host via
the write Wiper Counter Register instruction (serial
load); it may be written indirectly by transferring the
contents of one of four associated Data Registers via
the XFR Data Register instruction (parallel load); it can
be
modified
one
step
at
a
time
by
the
Increment/Decrement instruction. Finally, it is loaded
with the contents of its Data Register zero (DR0) upon
power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9428 is powered-down. Although the
register is automatically loaded with the value in DR0
upon power-up, it should be noted this may be
different from the value present at power-down.
Data Registers
The
potentiometer
has
four
nonvolatile
Data
Registers. These can be read or written directly by the
host and data can be transferred between any of the
four Data Registers and the Wiper Counter Register. It
should be noted all operations changing data in one of
these registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
Register Descriptions
Data Registers, (6-Bit), Nonvolatile
Four 6-bit Data Registers for each XDCP. (eight 6-bit
registers in total).
– {D5~D0}: These bits are for general purpose not
volatile data storage or for storage of up to four
different wiper values. The contents of Data Register
0 are automatically moved to the Wiper Counter
Register on power-up.
Wiper Counter Register, (6-Bit), Volatile
One 6-bit wiper counter register for each XDCP. (Four
6-bit registers in total.)
– {D5~D0}: These bits specify the wiper position of the
respective XDCP. The Wiper Counter Register is
loaded on power-up by the value in Data Register 0.
The contents of the WCR can be loaded from any of
the other Data Register or directly. The contents of
the WCR can be saved in a DR.
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WP5
WP4
WP3
WP2
WP1
WP0
VVVVVV
(MSB)
(LSB)
X9428


Similar Part No. - X9428WV-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9428WV-2.7 XICOR-X9428WV-2.7 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9428WV-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com