Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313ZSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9313ZSZ
Description  Terminal Voltages -5V, 32 Taps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313ZSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9313ZSZ Datasheet HTML 3Page - Intersil Corporation X9313ZSZ Datasheet HTML 4Page - Intersil Corporation X9313ZSZ Datasheet HTML 5Page - Intersil Corporation X9313ZSZ Datasheet HTML 6Page - Intersil Corporation X9313ZSZ Datasheet HTML 7Page - Intersil Corporation X9313ZSZ Datasheet HTML 8Page - Intersil Corporation X9313ZSZ Datasheet HTML 9Page - Intersil Corporation X9313ZSZ Datasheet HTML 10Page - Intersil Corporation X9313ZSZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN8177.2
September 9, 2005
Power-Up and -Down Requirements
The recommended power-up sequence is to apply VCC/VSS
first, then the potentiometer voltages. During power-up, the
data sheet parameters for the DCP do not fully apply until 1
millisecond after VCC reaches its final value. The VCC ramp
spec is always in effect. In order to prevent unwanted tap
position changes, or an inadvertent store, bring the CS and
INC high before or concurrently with the VCC pin on power-
up.
AC Timing
AC Operating Characteristics Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
TYP
(Note 6)
MAX
tCI
CS to INC setup
100
ns
tID
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tIL
INC LOW period
1
µs
tIH
INC HIGH period
1
µs
tIC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (STORE)
20
ms
tCPH
CS deselect time (NO STORE)
100
ns
tIW
INC to VW change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF (Note 7)
INC input rise and fall time
500
µs
tPU (Note 7)
Power-up to wiper stable
5µs
tR VCC (Note 7)
VCC power-up rate
0.2
50
V/ms
tWR
Store cycle
510
ms
NOTES:
6. Typical values are for TA = 25°C and nominal supply voltage.
7. This parameter is not 100% tested.
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(SEE NOTE)
tIC
tCPH
tF
tR
10%
90%
90%
NOTE:
MI IN THE AC TIMING DIAGRAM REFERS TO THE MINIMUM INCREMENTAL CHANGE IN THE VW OUTPUT DUE TO A CHANGE IN THE WIPER POSITION.
X9313


Similar Part No. - X9313ZSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZSZ INTERSIL-X9313ZSZ Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313ZSZ INTERSIL-X9313ZSZ Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313ZSZ INTERSIL-X9313ZSZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSZ INTERSIL-X9313ZSZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313ZSZ RENESAS-X9313ZSZ Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313ZSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313USIZT1 INTERSIL-X9313USIZT1 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com