Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9522B20I-B Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9522B20I-B
Description  Laser Diode Control for Fiber Optic Modules
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9522B20I-B Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9522B20I-B Datasheet HTML 2Page - Intersil Corporation X9522B20I-B Datasheet HTML 3Page - Intersil Corporation X9522B20I-B Datasheet HTML 4Page - Intersil Corporation X9522B20I-B Datasheet HTML 5Page - Intersil Corporation X9522B20I-B Datasheet HTML 6Page - Intersil Corporation X9522B20I-B Datasheet HTML 7Page - Intersil Corporation X9522B20I-B Datasheet HTML 8Page - Intersil Corporation X9522B20I-B Datasheet HTML 9Page - Intersil Corporation X9522B20I-B Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FN8208.0
March 10, 2005
Nonvolatile Write Acknowledge Polling
After a nonvolatile write command sequence (for either
the Non Volatile Memory of a DCP (NVM), or the CON-
STAT Register) has been correctly issued (including the
final STOP condition), the X9522 initiates an internal high
voltage write cycle. This cycle typically requires 5 ms.
During this time, no further Read or Write commands can
be issued to the device. Write Acknowledge Polling is
used to determine when this high voltage write cycle has
been completed.
To perform acknowledge polling, the master issues a
START condition followed by a Slave Address Byte. The
Slave Address issued must contain a valid Internal
Device Address. The LSB of the Slave Address (R/W)
can be set to either 1 or 0 in this case. If the device is still
busy with the high voltage cycle then no ACKNOWL-
EDGE will be returned. If the device has completed the
write operation, an ACKNOWLEDGE will be returned
and the host can then proceed with a read or write opera-
tion. (Refer to Figure 5.)
DIGITALLY CONTROLLED POTENTIOMETERS
DCP Functionality
The X9522 includes three independent resistor arrays.
These arrays respectively contain 63, 99 and 255
discrete resistive segments that are connected in series.
The physical ends of each array are equivalent to the
fixed terminals of a mechanical potentiometer (RHx and
RLx inputs - where x = 0,1,2).
At both ends of each array and between each resistor
segment there is a CMOS switch connected to the wiper
(Rwx) output. Within each individual array, only one
switch may be turned on at any one time. These
switches are controlled by the Wiper Counter Register
(WCR) (See Figure 6). The WCR is a volatile register.
On power-up of the X9522, wiper position data is auto-
matically loaded into the WCR from its associated Non
Volatile Memory (NVM) Register. The Table below
shows the Initial Values of the DCP WCR’s before the
contents of the NVM is loaded into the WCR.
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed
by issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
High Voltage Cycle
complete. Continue
command sequence?
Issue STOP
NO
Continue normal
Read or Write
command sequence
PROCEED
YES
Figure 5.
Acknowledge Polling Sequence
DECODER
RESISTOR
ARRAY
RHx
FET
SWITCHES
RLx
RWx
0
1
2
N
WIPER
REGISTER
COUNTER
NON
MEMORY
VOLATILE
(WCR)
(NVM)
“WIPER”
Figure 6.
DCP Internal Structure
DCP
Initial Values Before Recall
R0 / 64 TAP
VH / TAP = 63
R1 / 100 TAP
VL / TAP = 0
R2 / 256 TAP
VH / TAP = 255
X9522


Similar Part No. - X9522B20I-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9522 INTERSIL-X9522 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X9522V20I-A INTERSIL-X9522V20I-A Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
logo
Renesas Technology Corp
X9522V20I-A RENESAS-X9522V20I-A Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X9522V20I-B INTERSIL-X9522V20I-B Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results

Similar Description - X9522B20I-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
   Laser Diode Control for Fiber Optic Modules
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
   Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
California Eastern Labs
NX6510GH CEL-NX6510GH Datasheet
946Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com