Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33466H-50JT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33466H-50JT1
Description  FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33466H-50JT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33466H-50JT1 Datasheet HTML 1Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 2Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 3Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 4Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 5Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 6Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 7Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 8Page - ON Semiconductor MC33466H-50JT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33466
5
MOTOROLA ANALOG IC DEVICE DATA
0
1.6
0
100
0
6.0
0
2.0
0
100
0
6.0
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
Figure 7. Output Voltage versus Output Current
IO, OUTPUT CURRENT (mA)
Figure 8. Output Voltage versus Output Current
Figure 9. Efficiency versus Output Current
Figure 10. Efficiency versus Output Current
Figure 11. Startup/Hold Voltage versus
Output Current
Figure 12. Startup/Hold Voltage versus
Output Current
MC33466H–50JT1
L = 120
µH
TA = 25°C
MC33466H–50LT1
L = 28
µH
TA = 25°C
MC33466H–30JT1
L = 120
µH
TA = 25°C
Figure 17
MC33466H–30LT1
L = 28
µH
TA = 25°C
Figure 18
MC33466H–50JT1
L = 120
µH
TA = 25°C
Figure 17
Vin = 4.0 V
Vin = 3.0 V
Vin = 1.0 V
Vin = 2.0 V
Vin = 3.0 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 1.0 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 0.9 V
Vstart
Vhold
1.2
80
5.0
1.2
80
5.0
1.0
60
4.0
0.8
60
4.0
0.8
40
3.0
0.4
40
3.0
0.6
20
2.0
20
2.0
0
1.0
0
0
1.0
20
100
2.0
5.0
20
40
100
200
4.0
10
40
60
200
300
6.0
15
60
80
300
400
8.0
20
80
100
400
500
10
25
100
500
120
600
600
12
30
120
Vin = 4.0 V
1.6
1.4
MC33466H–50LT1
L = 28
µH
TA = 25°C
Figure 18
Vstart
Vhold


Similar Part No. - MC33466H-50JT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33466H-50JT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
logo
Semtech Corporation
SC1417B SEMTECH-SC1417B Datasheet
185Kb / 11P
   MicroPower, 620kHz PWM, Step-up DC/DC Converter
logo
Linear Technology
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com