Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9520 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9520
Description  Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9520 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9520 Datasheet HTML 7Page - Intersil Corporation X9520 Datasheet HTML 8Page - Intersil Corporation X9520 Datasheet HTML 9Page - Intersil Corporation X9520 Datasheet HTML 10Page - Intersil Corporation X9520 Datasheet HTML 11Page - Intersil Corporation X9520 Datasheet HTML 12Page - Intersil Corporation X9520 Datasheet HTML 13Page - Intersil Corporation X9520 Datasheet HTML 14Page - Intersil Corporation X9520 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
FN8206.0
March 8, 2005
EEPROM Array Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of the
Slave Address Byte is set to one. There are three basic
read operations: Current EEPROM Address Read, Ran-
dom EEPROM Read, and Sequential EEPROM Read.
Current EEPROM Address Read
Internally the device contains an address counter that
maintains the address of the last word read incremented
by one. Therefore, if the last read was to address n, the
next read operation would access data from address
n+1. On power-up, the address of the address counter is
undefined, requiring a read or write operation for initial-
ization.
Upon receipt of the Slave Address Byte with the R/W bit
set to one, the device issues an ACKNOWLEDGE and
then transmits the eight bits of the Data Byte. The master
terminates the read operation when it does not respond
with an ACKNOWLEDGE during the ninth clock and then
issues a STOP condition (See Figure 14 for the address,
ACKNOWLEDGE, and data transfer sequence).
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read oper-
ation, the master must either issue a STOP condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a STOP condition.
Another important point to note regarding the “Current
EEPROM Address Read” , is that this operation is not
available if the last executed operation was an access to
a DCP or the CONSTAT Register (i.e.: an operation
using the Device Type Identifier 1010111 or 1010010).
Immediately after an operation to a DCP or CONSTAT
Register is performed, only a “Random EEPROM Read”
is available. Immediately following a “Random EEPROM
Read” , a “Current EEPROM Address Read” or “Sequen-
tial EEPROM Read” is once again available (assuming
that no access to a DCP or CONSTAT Register occur in
the interim).
Random EEPROM Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master
must first perform a “dummy” write operation. The master
issues the START condition and the Slave Address Byte,
receives an ACKNOWLEDGE, then issues an Address
address
address
11
5 bytes
15
7 bytes
address
= 6
address pointer
ends here
Addr = 7
Figure 13. Example: Writing 12 bytes to a 16-byte page starting at location 11.
5 bytes
10
10
10
10
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Figure 14. Current EEPROM Address Read Sequence
1
01 0 0 0 0
X9520


Similar Part No. - X9520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9520B20I-A INTERSIL-X9520B20I-A Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520B20I-AT1 INTERSIL-X9520B20I-AT1 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520B20I-BT1 INTERSIL-X9520B20I-BT1 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
More results

Similar Description - X9520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com