Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9460KV14I Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9460KV14I
Description  Dual Audio Control Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9460KV14I Datasheet(HTML) 2 Page - Intersil Corporation

  X9460KV14I Datasheet HTML 1Page - Intersil Corporation X9460KV14I Datasheet HTML 2Page - Intersil Corporation X9460KV14I Datasheet HTML 3Page - Intersil Corporation X9460KV14I Datasheet HTML 4Page - Intersil Corporation X9460KV14I Datasheet HTML 5Page - Intersil Corporation X9460KV14I Datasheet HTML 6Page - Intersil Corporation X9460KV14I Datasheet HTML 7Page - Intersil Corporation X9460KV14I Datasheet HTML 8Page - Intersil Corporation X9460KV14I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN8203.2
October 17, 2005
Simplified Functional Diagram
Detailed Functional Diagram
RH-Right
RL-Right
BUS
RH-Left
RL-Left
RW-Left
RW-Right
INTERFACE
CONTROL &
REGISTER
POT
Left
POT
Right
VSS
I2C
bus
V-
data
address
select
inc/dec
Power-on
Recall
mute
VCC
62dB total
STEP SIZE
# OF
STEPS
-1dB
11
-2dB
10
-3dB
5
-4dB
4
Mute
1
V+
RH-Right
RL-Right
WIPER
COUNTER
REGISTER
(WCR)
INTERFACE
AND
CONTROL
CIRCUITRY
SCL
A0
RH-Left
RL-Left
DATA
8
RW-Left
RW-Right
WIPER
COUNTER
REGISTER
(WCR)
SDA
A1
V-
VSS
Power-on
Recall
mute
POT Right
POT Left
VCC
V+
X9460


Similar Part No. - X9460KV14I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9460KV14I RENESAS-X9460KV14I Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14I-2.7 RENESAS-X9460KV14I-2.7 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14IZ RENESAS-X9460KV14IZ Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14IZ-2.7 RENESAS-X9460KV14IZ-2.7 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
More results

Similar Description - X9460KV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com