Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9410WV24Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9410WV24Z
Description  Low Noise/Low Power/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WV24Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9410WV24Z Datasheet HTML 1Page - Intersil Corporation X9410WV24Z Datasheet HTML 2Page - Intersil Corporation X9410WV24Z Datasheet HTML 3Page - Intersil Corporation X9410WV24Z Datasheet HTML 4Page - Intersil Corporation X9410WV24Z Datasheet HTML 5Page - Intersil Corporation X9410WV24Z Datasheet HTML 6Page - Intersil Corporation X9410WV24Z Datasheet HTML 7Page - Intersil Corporation X9410WV24Z Datasheet HTML 8Page - Intersil Corporation X9410WV24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8193.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9410
Low Noise/Low Power/SPI Bus
Dual Digitally Controlled Potentiometer
(XDCP™)
FEATURES
• Two potentiometers per package
• SPI serial interface
• Register oriented format
- Direct read/write/transfer wiper positions
- Store as many as four positions per
potentiometer
• Power supplies
-VCC = 2.7V to 5.5V
- V+ = 2.7V to 5.5V
- V- = -2.7V to -5.5V
• Low power CMOS
- Standby current < 1µA
- High reliability
- Endurance - 100,000 data changes per bit per
register
- Register data retention - 100 years
• 8-bytes of nonvolatile EEPROM memory
•10k
Ω resistor arrays
• Resolution: 64 taps each pot
• 24 Ld SOIC, 24 Ld TSSOP, and 24 Ld plastic DIP
packages
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9410
integrates
two
digitally
controlled
potentiometers (XDCPs) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI
serial
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and four nonvolatile Data Registers (DR0:DR3)
that can be directly written to and read by the user.
The contents of the WCR controls the position of the
wiper on the resistor array through the switches.
Power-up recalls the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
CS
SCK
A0
A1
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
SO
SI
HOLD
WP
Pot 0
VCC
VSS
V+
V-
Pot 1
Data Sheet
September 19, 2005


Similar Part No. - X9410WV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410WV24Z-2.7 INTERSIL-X9410WV24Z-2.7 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9410WV24Z-2.7 RENESAS-X9410WV24Z-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WV24Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com