Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9460 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9460
Description  Dual Audio Control Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9460 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9460 Datasheet HTML 7Page - Intersil Corporation X9460 Datasheet HTML 8Page - Intersil Corporation X9460 Datasheet HTML 9Page - Intersil Corporation X9460 Datasheet HTML 10Page - Intersil Corporation X9460 Datasheet HTML 11Page - Intersil Corporation X9460 Datasheet HTML 12Page - Intersil Corporation X9460 Datasheet HTML 13Page - Intersil Corporation X9460 Datasheet HTML 14Page - Intersil Corporation X9460 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN8203.2
October 17, 2005
V+
Voltage on V+ pin
+2.7
+5.5
V
Noise
20Hz to 20kHz, Grounded Input @ -6dB tap
2
µVrms
TCR (Note 2) Temperature Coefficient of resistance
-300
PPM/°C
Analog Specifications
Over the recommended operating conditions unless otherwise specified (Note 1) (Continued)
ANALOG INPUTS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Electrical Specifications
Over the recommended operating conditions unless otherwise specified. (Note 1)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
MIN
TYP
MAX
UNITS
ICC1
VCC Supply Current (Move Wiper,
Write, Read)
fSCL = 400kHz, SDA = Open,
Other Inputs = VSS
200
300
µA
ISB
VCC Current (Standby)
SCL = SDA = VCC, Addr. = VSS
3
µA
ILI
Input Leakage Current
VIN = VSS to VCC
110
µA
Iai
Analog Input Leakage
VIN = V- to V+ with all other
analog inputs floating
0.1
µA
ILO
Output Leakage Current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW Voltage
-0.5
VCC x 0.1
V
VOL
Output LOW Voltage
IOL = 3mA
0.4
V
Capacitance
SYMBOL
TEST
TEST CONDITIONS
MAX
UNITS
CI/O (Note 4)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN (NOte 4)
Input Capacitance (A0, A1, A2 and SCL)
VIN = 0V
6
pF
NOTE:
4. This parameter is not 100% tested.
X9460


Similar Part No. - X9460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14I RENESAS-X9460KV14I Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14I-2.7 RENESAS-X9460KV14I-2.7 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14IZ RENESAS-X9460KV14IZ Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
More results

Similar Description - X9460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com