Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9438WP24 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9438WP24
Description  Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9438WP24 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9438WP24 Datasheet HTML 4Page - Intersil Corporation X9438WP24 Datasheet HTML 5Page - Intersil Corporation X9438WP24 Datasheet HTML 6Page - Intersil Corporation X9438WP24 Datasheet HTML 7Page - Intersil Corporation X9438WP24 Datasheet HTML 8Page - Intersil Corporation X9438WP24 Datasheet HTML 9Page - Intersil Corporation X9438WP24 Datasheet HTML 10Page - Intersil Corporation X9438WP24 Datasheet HTML 11Page - Intersil Corporation X9438WP24 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN8199.0
March 11, 2005
REGISTER OPERATION
Both digitally controlled potentiometers share the
serial interface and share a common architecture.
Each potentiometer is associated with a Wiper
Counter Register (WCR), and four Data Registers.
Figure 7 illustrates the control, registers, and system
features of the device.
Figure 7. System Block Diagram
Wiper Counter (WCR) and Analog Control Registers
(ACR)
The X9438 contains two wiper counter registers, one
for each XDCP. The wiper counter register is equiva-
lent to a serial-in, parallel-out counter, with its outputs
decoded to select one of sixty-four switches along its
resistor array. The contents of the wiper counter regis-
ter can be altered in four ways: it may be written
directly by the host via the write WCR Instruction
(serial load); it may be written indirectly by transferring
the contents of one of four associated data registers
(DR) via the XFR data register instruction (parallel
load); it can be modified one step at a time by the
increment/decrement instruction (WCR only). Finally,
it is loaded with the contents of its data register zero
(R0) upon power-up.
The wiper counter register is a volatile register; that is,
its contents are lost when the X9438 is powered-down.
Although the registers are automatically loaded with the
value in R0 upon power-up, it should be noted this may
be different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four non-volatile data registers
(DR). These can be read or written directly by the host
and data can be transferred between any of the four
data registers and the WCR. It should be noted all oper-
ations changing data in one of these registers is a non-
volatile operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could store sys-
tem parameters or user preference data.
REGISTER DESCRIPTIONS AND MEMORY MAP
Memory Map
Wiper Counter Register (WCR)
WP0-WP5 identify wiper position.
Data Registers (DR, R0 - R3)
VOUT (0,1)
(DR0-DR3)0,1
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
VH (0,1)
VL (0,1)
WP
VW (0,1)
VNI (0,1)
+
WCR0,1
VINV (0,1)
WCRO
WCR1
DR0
DR0
DR1
DR1
DR2
DR2
DR3
DR3
0
0
WP5 WP4 WP3 WP2 WP1
WP0
(volatile)
(LSB)
Wiper Position or User Data
(Nonvolatile)
X9438


Similar Part No. - X9438WP24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
More results

Similar Description - X9438WP24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430 XICOR-X9430 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
X9430 INTERSIL-X9430 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com