Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5323S8IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X5323S8IZ-2.7
Description  CPU Supervisor with 32Kb SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5323S8IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X5323S8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X5323S8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8131.1
October 27, 2005
PIN CONFIGURATION
PIN DESCRIPTION
Pin
(SOIC/PDIP)
Pin
TSSOP
Name
Function
11
CS/WDI
Chip Select Input. CS HIGH, deselects the device and the SO output pin is at a
high impedance state. Unless a nonvolatile write cycle is underway, the
device will be in the standby power mode. CS LOW enables the device, placing
it in the active power mode. Prior to the start of any operation after power-up, a
HIGH to LOW transition on CS is required.
Watchdog Input. A HIGH to LOW transition on the WDI pin restarts the watch-
dog timer. The absence of a HIGH to LOW transition within the watchdog time
out period results in RESET/RESET going active.
22
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data out
on this pin. The falling edge of the serial clock (SCK) clocks the data out.
58
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and
memory data on this pin. The rising edge of the serial clock (SCK) latches the input
data. Send all opcodes (Table 1), addresses and data MSB first.
69
SCK
Serial Clock. The serial clock controls the serial bus timing for data input and
output. The rising edge of SCK latches in the opcode, address, or data bits present
on the SI pin. The falling edge of SCK changes the data output on the SO pin.
36
WP
Write Protect. The WP pin works in conjunction with a nonvolatile WPEN bit to
“lock” the setting of the watchdog timer control and the memory write protect bits.
47
VSS
Ground
814
VCC
Supply Voltage
7
13
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which
goes active whenever VCC falls below the minimum VCC sense level. It will re-
main active until VCC rises above the minimum VCC sense level for 200ms. RE-
SET/RESET goes active if the watchdog timer is enabled and CS
remains either HIGH or LOW longer than the selectable watchdog time out
period. A falling edge of CS will reset the watchdog timer. RESET/RESET goes
active on power-up at about 1V and remains active for 200ms after the power
supply stabilizes.
3-5,10-12
NC
No internal connections
X5323/25
X5323/25
8 Ld SOIC/PDIP
CS/WDT
WP
SO
1
2
3
4
RESET/RESET
8
7
6
5
VCC
14 Ld TSSOP
SO
WP
VSS
1
2
3
4
5
6
7
SCK
SI
14
13
12
11
10
9
8
NC
VCC
NC
VSS
SCK
SI
CS/WDT
NC
NC
NC
NC
RESET/RESET
X5323, X5325


Similar Part No. - X5323S8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323S8IZ-2.7 INTERSIL-X5323S8IZ-2.7 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323S8IZ-2.7 RENESAS-X5323S8IZ-2.7 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Intersil Corporation
X5323S8IZ-2.7A INTERSIL-X5323S8IZ-2.7A Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323S8IZ-2.7A RENESAS-X5323S8IZ-2.7A Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
More results

Similar Description - X5323S8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com