Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9401WV24IZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9401WV24IZ
Description  Low Noise/Low Power/SPI Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WV24IZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9401WV24IZ Datasheet HTML 1Page - Intersil Corporation X9401WV24IZ Datasheet HTML 2Page - Intersil Corporation X9401WV24IZ Datasheet HTML 3Page - Intersil Corporation X9401WV24IZ Datasheet HTML 4Page - Intersil Corporation X9401WV24IZ Datasheet HTML 5Page - Intersil Corporation X9401WV24IZ Datasheet HTML 6Page - Intersil Corporation X9401WV24IZ Datasheet HTML 7Page - Intersil Corporation X9401WV24IZ Datasheet HTML 8Page - Intersil Corporation X9401WV24IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9401
Low Noise/Low Power/SPI Bus
Quad, 64 Tap, Digitally Controlled
Potentiometer (XDCP™)
FEATURES
• Quad–4 separate pots, 64 taps/pot
• Nonvolatile storage of wiper position
• Four Nonvolatile Data Registers for Each Pot
• 16-bytes of EEPROM memory
• SPI serial interface
•RTotal = 10kΩ
• Wiper resistance = 150
Ω typical
• Standby current < 1µA (total package)
• Operating current < 400µA max.
•VCC = 2.7V to 5V
• Packages–24 Ld TSSOP and SOIC
• 100 year data retention
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X9401 integrates 4 digitally controlled potentiome-
ters (XDCP) on a monolithic CMOS integrated
microcircuit.
The digitally controlled potentiometer is implemented
using 64 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. Each potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and 4 nonvola-
tile Data Registers (DR0:DR3) that can be directly writ-
ten to and read by the user. The contents of the WCR
controls the position of the wiper on the resistor array
through the switches. Power-up recalls the contents of
DR0 to the WCR.
The XDCP can be used as a three-terminal potentiom-
eter or as a two-terminal variable resistor in a wide
variety of applications including control, parameter
adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
CS
SCK
SO
A0
A1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
HOLD
Pot 0
VCC
VSS
WP
SI
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
Data Sheet
FN8190.2
September 23, 2005


Similar Part No. - X9401WV24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WV24IZ INTERSIL-X9401WV24IZ Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9401WV24IZ INTERSIL-X9401WV24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
X9401WV24IZ RENESAS-X9401WV24IZ Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9401WV24IZ-2.7 INTERSIL-X9401WV24IZ-2.7 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9401WV24IZ-2.7 INTERSIL-X9401WV24IZ-2.7 Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results

Similar Description - X9401WV24IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com