Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251TV24I-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9251TV24I-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251TV24I-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9251TV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 11Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 12Page - Intersil Corporation X9251TV24I-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN8166.2
September 14, 2005
Figure 2. Two-Byte Instruction Sequence
Figure 3. Three-Byte Instruction Sequence SPI Interface; Write Case
Figure 4. Three-Byte Instruction Sequence SPI Interface, Read Case
ID3 ID2 ID1 ID0
0
A1
A0
I3
I2
I1
RB RA
P0
SCK
SI
CS
0101
Device ID
Internal
Instruction
Opcode
Address
Register
0
I0
P1
Address
DCP/WCR
Address
0
0
01
0
1
A1 A0
I3 I2
I1
I0
RB RA
P0
SCK
SI
D7 D6 D5 D4 D3 D2
D1 D0
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
DCP/WCR
Address
00
P1
Data for WCR[7:0] or DR[7:0]
01
0
1
A1 A0
I3
I2
I1
I0
RB RA
P0
SCK
SI
D7 D6 D5 D4 D3 D2
D1 D0
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
DCP/WCR
Address
00
P1
WCR[7:0]
S0
X
X
X
XX
XX
X
Don’t Care
or
Data Register Bit [7:0]
X9251


Similar Part No. - X9251TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251TV24I-2.7 XICOR-X9251TV24I-2.7 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251TV24I-2.7 INTERSIL-X9251TV24I-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com