Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9400YV24I Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9400YV24I
Description  Low Noise/Low Power/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400YV24I Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9400YV24I Datasheet HTML 6Page - Intersil Corporation X9400YV24I Datasheet HTML 7Page - Intersil Corporation X9400YV24I Datasheet HTML 8Page - Intersil Corporation X9400YV24I Datasheet HTML 9Page - Intersil Corporation X9400YV24I Datasheet HTML 10Page - Intersil Corporation X9400YV24I Datasheet HTML 11Page - Intersil Corporation X9400YV24I Datasheet HTML 12Page - Intersil Corporation X9400YV24I Datasheet HTML 13Page - Intersil Corporation X9400YV24I Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN8189.1
March 31, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias..................... -65
°C to +135°C
Storage temperature ......................... -65
°C to +150°C
Voltage on SCK, SCL or any address
input with respect to VSS......................... -1V to +7V
Voltage on V+ (referenced to VSS) ........................ 10V
Voltage on V- (referenced to VSS) ........................-10V
(V+) - (V-)............................................................... 12V
Any VH ....................................................................V+
Any VL ...................................................................... V-
Lead temperature (soldering, 10 seconds) ........ 300
°C
IW (10 seconds)................................................±12mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when
used as a potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH - RL)/63, single pot
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to end resistance
±20
%
Power rating
50
mW
25
°C, each pot
IW
Wiper current
±6
mA
RW
Wiper resistance
150
250
Wiper Current =
± 1mA,
VCC =3V
40
100
Wiper Current =
± 1mA,
VCC =5V
Vv+
Voltage on V+ Pin
X9400
+4.5
+5.5
V
X9400-2.7
+2.7
+5.5
Vv-
Voltage on V- Pin
X9400
-5.5
-4.5
V
X9400-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL Pin
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution
1.6
%
Absolute linearity (1)
-1
+1
MI(3)
Rw(n)(actual) - Rw(n)(expected)
Relative linearity (2)
-0.2
+0.2
MI(3)
Rw(n + 1) - [Rw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/
°C
Ratiometric temp. coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer capacitances
10/10/25
pF
See Spice Macromodel
IAL
RH, RL, RW leakage current
0.1
10
µA
VIN = VSS to VCC. Device is in
stand-by mode.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9400
5V
± 10%
X9400-2.7
2.7V to 5.5V
X9400


Similar Part No. - X9400YV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400YV24I INTERSIL-X9400YV24I Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YV24I-2.7 INTERSIL-X9400YV24I-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YV24IZ INTERSIL-X9400YV24IZ Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YV24IZ-2.7 INTERSIL-X9400YV24IZ-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
More results

Similar Description - X9400YV24I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com