Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9400YV24I Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9400YV24I
Description  Low Noise/Low Power/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400YV24I Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9400YV24I Datasheet HTML 4Page - Intersil Corporation X9400YV24I Datasheet HTML 5Page - Intersil Corporation X9400YV24I Datasheet HTML 6Page - Intersil Corporation X9400YV24I Datasheet HTML 7Page - Intersil Corporation X9400YV24I Datasheet HTML 8Page - Intersil Corporation X9400YV24I Datasheet HTML 9Page - Intersil Corporation X9400YV24I Datasheet HTML 10Page - Intersil Corporation X9400YV24I Datasheet HTML 11Page - Intersil Corporation X9400YV24I Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN8189.1
March 31, 2005
Instruction Format
Notes: (1) “A1 ~ A0”: stands for the device addresses sent by the master.
(2) WPx refers to wiper position data in the Counter Register
(3) “I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
(4) “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer Wiper Counter Register (WCR) to Data Register (DR)
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
wiper position
(sent by X9400 on SO)
CS
Rising
Edge
010
100
A
1
A
0
100
1
00
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
Data Byte
(sent by Host on SI)
CS
Rising
Edge
010
100
A
1
A
0
101
0
00
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
Data Byte
(sent by X9400 on SO)
CS
Rising
Edge
01010
0
A
1
A
0
1011
R
1
R
0
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
Data Byte
(sent by host on SI)
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
01010 0
A
1
A
0
110 0
R
1
R
0
P
1
P
0
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
0101 00
A
1
A
0
11 01
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010 100
A
1
A
0
111 0
R
1
R
0
P
1
P
0
X9400


Similar Part No. - X9400YV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400YV24I INTERSIL-X9400YV24I Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YV24I-2.7 INTERSIL-X9400YV24I-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YV24IZ INTERSIL-X9400YV24IZ Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400YV24IZ-2.7 INTERSIL-X9400YV24IZ-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
More results

Similar Description - X9400YV24I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com