Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317ZV8Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9317ZV8Z
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZV8Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9317ZV8Z Datasheet HTML 3Page - Intersil Corporation X9317ZV8Z Datasheet HTML 4Page - Intersil Corporation X9317ZV8Z Datasheet HTML 5Page - Intersil Corporation X9317ZV8Z Datasheet HTML 6Page - Intersil Corporation X9317ZV8Z Datasheet HTML 7Page - Intersil Corporation X9317ZV8Z Datasheet HTML 8Page - Intersil Corporation X9317ZV8Z Datasheet HTML 9Page - Intersil Corporation X9317ZV8Z Datasheet HTML 10Page - Intersil Corporation X9317ZV8Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN8183.1
September 9, 2005
Test Circuit
Equivalent Circuit
CIN (Note 5)
CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = 25°C,
f = 1MHz
10
pF
DC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
Endurance and Data Retention VCC = 5V ±10%, TA = Full Operating Temperature Range
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [V(RW(n)(actual))-V(RW(n)(expected))]/MI
V(RW(n)(expected)) = n(V(RH)-V(RL))/99 + V(RL), with n from 0 to 99.
2. Relative linearity is a measure of the error in step size between taps = [V(RW(n+1))-(V(RW(n)) - MI)]/MI.
3. 1 Ml = Minimum Increment = [V(RH)-V(RL)]/99.
4. Typical values are for TA = 25°C and nominal supply voltage.
5. This parameter is not 100% tested.
6. Ratiometric temperature coefficient = (V(RW)T1(n)-V(RW)T2(n))/[V(RW)T1(n)(T1-T2) x 106], with T1 & T2 being 2 temperatures, and n from 0 to 99.
7. Measured with wiper at tap position 99, RL grounded, using test circuit.
Force
Current
Test Point
RW
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
CH
CL
RW
10pF
10pF
RTOTAL
CW
25pF
RH
RL
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated
SYMBOL
PARAMETER
MIN
TYP (Note 4)
MAX
UNIT
tCl
CS to INC setup
50
ns
tlD (Note 5) INC HIGH to U/D change
100
ns
tDI (Note 5) U/D to INC setup
1
µs
tlL
INC LOW period
960
ns
tlH
INC HIGH period
960
ns
tlC
INC inactive to CS inactive
1
µs
tCPHS
CS deselect time (STORE)
10
ms
tCPHNS
(Note 5)
CS deselect time (NO STORE)
100
ns
tIW
INC to RW change
1
5
µs
X9317


Similar Part No. - X9317ZV8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZV8Z INTERSIL-X9317ZV8Z Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
X9317ZV8Z INTERSIL-X9317ZV8Z Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317ZV8Z-2.7 INTERSIL-X9317ZV8Z-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317ZV8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com