Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9408YV24Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9408YV24Z
Description  Low Noise/Low Power/2-Wire Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YV24Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9408YV24Z Datasheet HTML 1Page - Intersil Corporation X9408YV24Z Datasheet HTML 2Page - Intersil Corporation X9408YV24Z Datasheet HTML 3Page - Intersil Corporation X9408YV24Z Datasheet HTML 4Page - Intersil Corporation X9408YV24Z Datasheet HTML 5Page - Intersil Corporation X9408YV24Z Datasheet HTML 6Page - Intersil Corporation X9408YV24Z Datasheet HTML 7Page - Intersil Corporation X9408YV24Z Datasheet HTML 8Page - Intersil Corporation X9408YV24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
X9408
Low Noise/Low Power/2-Wire Bus
Quad Digitally Controlled (XDCP™)
Potentiometers
FEATURES
• Four potentiometers in one package
• 64 resistor taps per potentiometer
• 2-wire serial interface
• Wiper resistance, 40
Ω typical at 5V
• Four nonvolatile data registers for each pot
• Nonvolatile storage of wiper position
• Standby current < 1µA max (total package)
•VCC = 2.7V to 5.5V operation
V+ = 2.7V to 5.5V
V- = –2.7V to -5.5V
•10k
Ω, 2.5kΩ end to end resistances
• High reliability
—Endurance–100,000 data changes per bit per
register
—Register data retention–100 years
• 24 Ld SOIC, 24 Ld TSSOP, 24 Ld PDIP packages
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9408
integrates
four
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and four
non-volatile Data Registers that can be directly written
to and read by the user. The contents of the WCR
controls the position of the wiper on the resistor array
though the switches. Powerup recalls the contents of
the default data register (DR0) to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
WP
Pot 0
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8191.2
September 19, 2005


Similar Part No. - X9408YV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YV24Z INTERSIL-X9408YV24Z Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
X9408YV24Z INTERSIL-X9408YV24Z Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24Z RENESAS-X9408YV24Z Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YV24Z-2.7 INTERSIL-X9408YV24Z-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24Z-2.7 RENESAS-X9408YV24Z-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408YV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com