Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9418-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9418-2.7
Description  Dual Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9418-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X9418-2.7 Datasheet HTML 1Page - Intersil Corporation X9418-2.7 Datasheet HTML 2Page - Intersil Corporation X9418-2.7 Datasheet HTML 3Page - Intersil Corporation X9418-2.7 Datasheet HTML 4Page - Intersil Corporation X9418-2.7 Datasheet HTML 5Page - Intersil Corporation X9418-2.7 Datasheet HTML 6Page - Intersil Corporation X9418-2.7 Datasheet HTML 7Page - Intersil Corporation X9418-2.7 Datasheet HTML 8Page - Intersil Corporation X9418-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8194.0
March 7, 2005
PIN DESCRIPTIONS
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9418.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical
values, refer to the guidelines for calculating typical
values on the bus pull-up resistors graph.
Device Address (A0 - A3)
The Address inputs are used to set the least
significant 4 bits of the 8-bit slave address. A match in
the slave address serial data stream must be made
with
the
Address
input
in
order
to
initiate
communication with the X9418. A maximum of 16
devices may occupy the 2-wire serial bus.
Potentiometer Pins
VH/RH (VH0/RH0 - VH1/RH1), VL/RL (VL0/RL0 - VL1/RL1)
The VH/RH and VL/RL inputs are equivalent to the
terminal connections on either end of a mechanical
potentiometer.
VW/RW (VW0/RW0 - VW1/RW1)
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
Hardware Write Protect Input (WP)
The WP pin when low prevents nonvolatile writes to
the Data Registers.
Analog Supplies V+, V-
The Analog Supplies V+, V- are the supply voltages
for the XDCP analog section.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
SCL
Serial Clock
SDA
Serial Data
A0 - A3
Device Address
VH0/RH0 - VH1/RH1,
VL0/RL0 - VL1/RL1
Potentiometer Pins
(terminal equivalent)
VW0/RW0 -
VW1/RW1
Potentiometer Pins
(wiper equivalent)
WP
Hardware Write Protection
V+,V-
Analog Supplies
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
VCC
RL0/VL0
RH0/VH0
WP
SDA
A1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
5
V+
NC
NC
NC
A0
NC
A3
SCL
NC
NC
DIP/SOIC
X9418
VSS
RW0/VW0
14
13
11
12
A2
RL1/VL1
RH1/VH1
RW1/VW1
NC
V-
SDA
A1
RL1/VL1
VSS
NC
NC
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
WP
A2
VW0/RW0
VH0/RH0
VL0/RL0
VCC
NC
NC
NC
V+
X9418
A3
RH1/VH1
14
13
11
12
RW1/VW1
NC
V-
SCL
A0
NC
TSSOP
X9418


Similar Part No. - X9418-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
logo
Intersil Corporation
X9418 INTERSIL-X9418 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9418WP24 XICOR-X9418WP24 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418WP24-2.7 XICOR-X9418WP24-2.7 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results

Similar Description - X9418-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com